Electronic Components Datasheet Search
  English  ▼

X  

THS4031 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4031 Datasheet(HTML) 30 Page - Texas Instruments

Back Button THS4031 Datasheet HTML 26Page - Texas Instruments THS4031 Datasheet HTML 27Page - Texas Instruments THS4031 Datasheet HTML 28Page - Texas Instruments THS4031 Datasheet HTML 29Page - Texas Instruments THS4031 Datasheet HTML 30Page - Texas Instruments THS4031 Datasheet HTML 31Page - Texas Instruments THS4031 Datasheet HTML 32Page - Texas Instruments THS4031 Datasheet HTML 33Page - Texas Instruments THS4031 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
P
D +
T
MAX
–T
A
q
JA
Where:
PD
= Maximum power dissipation of THS403x IC (watts)
TMAX = Absolute maximum operating junction temperature (125°C)
TA
= Free-ambient air temperature (
°C)
θJA = θJC + θCA
θJC = Thermal coefficient from junction to case
θCA = Thermal coefficient from case to ambient air (°C/W)
MAXIMUMPOWERDISSIPATION
AMBIENTTEMPERATURE
vs
0
0.5
1
1.5
2
2.5
3
-40
-20
0
20
40
60
80
100
TA-Free AirTemperature-°C
DGNPackage
=58.4ºC/W2oz.
TraceandCopperPad
WithSolder
q
JA
T =130ºC
J
DGNPackage
=158.4ºC/W2oz.
TraceandCopperPad
WithoutSolder
q
JA
SOICPackage
High-KTestPCB
=98ºC/W
q
JA
SOICPackage
High-KTestPCB
=166.7ºC/W
q
JA
THS4031
THS4032
SLOS224G – JULY 1999 – REVISED MARCH 2010
www.ti.com
The actual thermal performance achieved with the THS403xDGN in its PowerPAD™ package depends on the
application. In the example above, if the size of the internal ground plane is approximately 3 inches × 3 inches
(7,62 cm × 7,62 cm), then the expected thermal coefficient, qJA, is about 58.4°C/W. For comparison, the
non-PowerPAD™ version of the THS403x IC (SOIC) is shown. For a given qJA, the maximum power dissipation
is shown in Figure 62 and is calculated by the following formula:
(3)
Results are with no air flow and PCB size = 3”× 3” (7,62 cm x 7,62 cm)
Figure 62. Maximum Power Dissipation vs Free-Air Temperature
More complete details of the PowerPAD installation process and thermal management techniques can be found
in the Texas Instruments technical brief, PowerPAD™ Thermally-Enhanced Package (SLMA002). This document
can be found at the TI web site (www.ti.com) by searching on the key word PowerPAD. The document can also
be ordered through your local TI sales office. Refer to literature number SLMA002 when ordering.
The next thing to be considered is package constraints. The two sources of heat within an amplifier are quiescent
power and output power. The designer should never forget about the quiescent heat generated within the device,
especially multiamplifier devices. Because these devices have linear output stages (Class A-B), most of the heat
dissipation is at low output voltages with high output currents. Figure 63 to Figure 66 shows this effect, along with
the quiescent heat, with an ambient air temperature of 50°C. When using VCC = ±5 V, heat is generally not a
problem, even with SOIC packages. But, when using VCC = ±15 V, the SOIC package is severely limited in the
amount of heat it can dissipate. The other key factor when looking at these graphs is how the devices are
mounted on the PCB. The PowerPAD™ devices are extremely useful for heat dissipation. But, the device should
30
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4031 THS4032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com