Electronic Components Datasheet Search
  English  ▼

X  

THS4031 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4031 Datasheet(HTML) 3 Page - Texas Instruments

  THS4031 Datasheet HTML 1Page - Texas Instruments THS4031 Datasheet HTML 2Page - Texas Instruments THS4031 Datasheet HTML 3Page - Texas Instruments THS4031 Datasheet HTML 4Page - Texas Instruments THS4031 Datasheet HTML 5Page - Texas Instruments THS4031 Datasheet HTML 6Page - Texas Instruments THS4031 Datasheet HTML 7Page - Texas Instruments THS4031 Datasheet HTML 8Page - Texas Instruments THS4031 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
OUT
8
6
1
IN−
IN+
2
3
Null
−
+
1OUT
1IN−
1IN+
VCC
2OUT
2IN−
2IN+
−VCC
8
6
1
2
3
5
7
4
−
+
−
+
THS4031
THS4032
www.ti.com
SLOS224G – JULY 1999 – REVISED MARCH 2010
FUNCTIONAL BLOCK DIAGRAMS
Figure 1. THS4031 – Single Channel
Figure 2. THS4032 – Dual Channel
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
VALUE
UNIT
VCC
Supply voltage, VCC+ to VCC–
33
V
VI
Input voltage
±VCC
IO
Output current
150
mA
VIO
Differential input voltage
±4
V
Continuous total power dissipation
See Dissipation Ratings Table
C-suffix
0 to 70
Operating free-air
TA
I-suffix
–40 to 85
°C
temperature
M-suffix
–55 to 125
TJ
Maximum junction temperature, (any condition)
150
°C
Maximum junction temperature, continuous operation, long term reliability(2)
130
°C
Tstg
Storage temperature
–65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds, JG package
300
°C
Case temperature for 60 seconds, FK package
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device. Does not apply to the JG package or FK package.
DISSIPATION RATINGS TABLE
qJA
qJC
TA = 25°C,
PACKAGE
(°C/W)
(°C/W)
POWER RATING
D
167(1)
38.3
629 mW, TJ = 130°C, continuous
DGN(2)
58.4
4.7
1.8 W, TJ = 130°C, continuous
JG
119
28
1050 mW, TJ = 150°C, continuous
FK
87.7
20
1375 mW, TJ = 150°C, continuous
(1)
This data was taken using the JEDEC standard Low-K test PCB. For the JEDEC Proposed High-K test PCB, the qJA is 95°C/W with a
power rating at TA = 25°C of 1.32 W.
(2)
This data was taken using 2 oz. trace and copper pad that is soldered directly to a 3-in. × 3-in. PC. For further information, refer to
Application Information section of this data sheet.
Copyright © 1999–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS4031 THS4032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com