Electronic Components Datasheet Search
  English  ▼

X  

THS4031 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4031 Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS4031 Datasheet HTML 12Page - Texas Instruments THS4031 Datasheet HTML 13Page - Texas Instruments THS4031 Datasheet HTML 14Page - Texas Instruments THS4031 Datasheet HTML 15Page - Texas Instruments THS4031 Datasheet HTML 16Page - Texas Instruments THS4031 Datasheet HTML 17Page - Texas Instruments THS4031 Datasheet HTML 18Page - Texas Instruments THS4031 Datasheet HTML 19Page - Texas Instruments THS4031 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
−6
−5
−4
−3
−2
−1
0
1
2
3
100 k
1 M
10 M
100 M
500 M
VO = 0.1 V(PP)
VCC = +15 V,
RL = 150 W,
Gain = 1,
RF = 0 W
f − Frequency − Hz
VO = 0.2 V(PP)
VO = 0.4 V(PP)
VO = 0.8 V(PP)
VO = 1.6 V(PP)
−7
−6
−5
−4
−3
−2
−1
0
1
2
100k
1M
10M
100M
500M
f − Frequency − Hz
R =200
F
W
R =50
F
W
R =100
F
W
R =0
F
W
V
=
15V,
R =150
,
V
=200mV,
Gain=1
CC
L
O(PP)
±
W
V
=
5V,
R =1k ,
V
=200mV
Gain=1
CC
L
O(PP)
±
W
R =200
F
W
R =100
F
W
R =50
F
W
R =0
F
W
−6
−5
−4
−3
−2
−1
0
1
2
3
100 k
1 M
10 M
100 M
500 M
VO = 0.1 V(PP)
VCC = + 5 V,
RL = 1 kW,
Gain = 1,
RF = 0 W
f − Frequency − Hz
VO = 0.2 V(PP)
VO = 0.4 V(PP)
VO = 0.8 V(PP)
VO = 1.6 V(PP)
THS4031
THS4032
SLOS224G – JULY 1999 – REVISED MARCH 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
SMALL SIGNAL FREQUENCY RESPONSE
FREQUENCY RESPONSE WITH
WITH VARYING FEEDBACK RESISTANCE
VARYING OUTPUT VOLTAGE SWING
Figure 28.
Figure 29.
SMALL SIGNAL FREQUENCY RESPONSE
FREQUENCY RESPONSE WITH
WITH VARYING FEEDBACK RESISTANCE
VARYING OUTPUT VOLTAGE SWING
Figure 30.
Figure 31.
16
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4031 THS4032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com