Electronic Components Datasheet Search
  English  ▼

X  

THS4031 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4031
Description  100-MHz LOW-NOISE HIGH-SPEED AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4031 Datasheet(HTML) 2 Page - Texas Instruments

  THS4031 Datasheet HTML 1Page - Texas Instruments THS4031 Datasheet HTML 2Page - Texas Instruments THS4031 Datasheet HTML 3Page - Texas Instruments THS4031 Datasheet HTML 4Page - Texas Instruments THS4031 Datasheet HTML 5Page - Texas Instruments THS4031 Datasheet HTML 6Page - Texas Instruments THS4031 Datasheet HTML 7Page - Texas Instruments THS4031 Datasheet HTML 8Page - Texas Instruments THS4031 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Vn
In
1
10
100
1 k
10
f − Frequency − Hz
VOLTAGE NOISE AND CURRENT NOISE
vs
FREQUENCY
20
10 k
100 k
VCC = ± 15 V AND ± 5 V
TA = 25°C
THS4031
THS4032
SLOS224G – JULY 1999 – REVISED MARCH 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS(1)
PACKAGED DEVICES
NUMBER OF
EVALUATION
PLASTIC
PLASTIC MSOP(2)(DGN)(3)
TA
CERAMIC DIP
CHIP CARRIER
CHANNELS
MODULE
SMALL
(JG)
(FK)
DEVICE
SYMBOL
OUTLINE(2) (D)
1
THS4031CD
THS4031CDGN
TIACM
—
—
THS4031EVM
0°C to 70°C
2
THS4032CD
THS4032CDGN
TIABD
—
—
THS4032EVM
1
THS4031ID
THS4031IDGN
TIACN
—
—
—
–40°C to 85°C
2
THS4032ID
THS4032IDGN
TIABG
—
—
—
–55°C to 125°C
1
—
—
—
THS4031MJG
THS4031MFK
—
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
The D and DGN packages are available taped and reeled. Add an R suffix to the device type (that is, THS4031CDGNR).
(3)
The PowerPAD™ on the underside of the DGN package is electrically isolated from all other pins and active circuitry. Connection to the
PCB ground plane is recommended, although not required, as this copper plane is typically the largest copper plane on the PCB.
2
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4031 THS4032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com