Electronic Components Datasheet Search
  English  ▼

X  

EV22D150KA Datasheet(PDF) 27 Page - World Produts Inc.

Part # EV22D150KA
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV22D150KA Datasheet(HTML) 27 Page - World Produts Inc.

Back Button EV22D150KA Datasheet HTML 23Page - World Produts Inc. EV22D150KA Datasheet HTML 24Page - World Produts Inc. EV22D150KA Datasheet HTML 25Page - World Produts Inc. EV22D150KA Datasheet HTML 26Page - World Produts Inc. EV22D150KA Datasheet HTML 27Page - World Produts Inc. EV22D150KA Datasheet HTML 28Page - World Produts Inc. EV22D150KA Datasheet HTML 29Page - World Produts Inc. EV22D150KA Datasheet HTML 30Page - World Produts Inc. EV22D150KA Datasheet HTML 31Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
Metal Oxide Varistors - EV Series | 25
EV Standard Series — Electrical Characteristics
7mm
Part
Number
Maximum Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
8/20µs
(joules)
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
EV07D11K
11
14
0.9
250
16
20
36
2.5
2900
EV07D14K
14
18
1.1
250
20
24
43
2.5
2400
EV07D17K
17
22
1.4
250
24
30
53
2.5
1800
EV07D20K
20
26
1.7
250
30
36
65
2.5
1500
EV07D25K
25
31
2.1
250
35
43
77
2.5
1230
EV07D30K
30
38
2.5
250
42
52
93
2.5
950
EV07D35K
35
45
3.1
250
50
62
110
2.5
890
EV07D40K
40
56
3.6
250
61
75
135
2.5
850
EV07D50K
50
65
6.0
1200
74
90
135
10
930
EV07D60K
60
85
7.0
1200
90
110
165
10
860
EV07D75K
75
100
8.0
1200
108
132
200
10
670
EV07D95K
95
125
10
1200
135
165
250
10
490
EV07D120K
120
150
12
1200
162
198
300
10
330
EV07D130K
130
170
13
1200
185
225
340
10
240
EV07D140K
140
180
14
1200
198
242
360
10
190
EV07D150K
150
200
15
1200
216
264
395
10
165
EV07D180K
180
225
18
1200
243
297
455
10
150
EV07D195K
195
250
20
1200
270
330
500
10
140
EV07D210K
210
275
23
1200
297
363
550
10
130
EV07D230K
230
300
25
1200
324
396
595
10
125
EV07D250K
250
320
25
1200
351
429
650
10
115
EV07D275K
275
350
28
1200
387
473
710
10
110
EV07D300K
300
385
30
1200
423
517
775
10
100
EV07D320K
320
415
30
1200
459
561
845
10
90
EV07D360K
360
460
30
1200
504
616
925
10
85
EV07D390K
390
505
33
1200
558
682
1025
10
80
EV07D420K
420
560
33
1200
612
748
1120
10
75
EV07D460K
460
620
36
1200
675
825
1240
10
70
EV07D485K
485
640
36
1200
702
858
1290
10
70
EV07D510K
510
675
39
1200
738
902
1355
10
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com