Electronic Components Datasheet Search
  English  ▼

X  

EV22D150KA Datasheet(PDF) 34 Page - World Produts Inc.

Part # EV22D150KA
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV22D150KA Datasheet(HTML) 34 Page - World Produts Inc.

Back Button EV22D150KA Datasheet HTML 30Page - World Produts Inc. EV22D150KA Datasheet HTML 31Page - World Produts Inc. EV22D150KA Datasheet HTML 32Page - World Produts Inc. EV22D150KA Datasheet HTML 33Page - World Produts Inc. EV22D150KA Datasheet HTML 34Page - World Produts Inc. EV22D150KA Datasheet HTML 35Page - World Produts Inc. EV22D150KA Datasheet HTML 36Page - World Produts Inc. EV22D150KA Datasheet HTML 37Page - World Produts Inc. EV22D150KA Datasheet HTML 38Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
32 | Metal Oxide Varistors - EV Series
EV High Energy (-J) Series
Electrical Characteristics
7mm -J
Part
Number
Maximum Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
8/20µs
(joules)
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
EV07D11K-J
11
14
2.0
500
16
20
36
2.5
2900
EV07D14K-J
14
18
2.4
500
20
24
43
2.5
2400
EV07D17K-J
17
22
3.0
500
24
30
53
2.5
1800
EV07D20K-J
20
26
4.0
500
30
36
65
2.5
1500
EV07D25K-J
25
31
4.0
500
35
43
77
2.5
1230
EV07D30K-J
30
38
5.0
500
42
52
93
2.5
950
EV07D35K-J
35
45
6.0
500
50
62
110
2.5
890
EV07D40K-J
40
56
7.0
500
61
75
135
2.5
850
EV07D50K-J
50
65
10
1750
74
90
135
10
930
EV07D60K-J
60
85
12
1750
90
110
165
10
860
EV07D75K-J
75
100
13
1750
108
132
200
10
670
EV07D95K-J
95
125
13
1750
135
165
250
10
490
EV07D120K-J
120
150
16
1750
162
198
300
10
330
EV07D130K-J
130
170
17
1750
185
225
340
10
240
EV07D140K-J
140
180
19
1750
198
242
360
10
190
EV07D150K-J
150
200
21
1750
216
264
395
10
165
EV07D180K-J
180
225
24
1750
243
297
455
10
150
EV07D195K-J
195
250
26
1750
270
330
500
10
140
EV07D210K-J
210
275
28
1750
297
363
550
10
130
EV07D230K-J
230
300
32
1750
324
396
595
10
125
EV07D250K-J
250
320
35
1750
351
429
650
10
115
EV07D275K-J
275
350
40
1750
387
473
710
10
110
EV07D300K-J
300
385
42
1750
423
517
775
10
100
EV07D320K-J
320
415
45
1750
459
561
845
10
90
EV07D360K-J
360
460
49
1750
504
616
925
10
85
EV07D390K-J
390
505
55
1750
558
682
1025
10
80
EV07D420K-J
420
560
60
1750
612
748
1120
10
75
EV07D460K-J
460
620
65
1750
675
825
1240
10
70
EV07D485K-J
485
640
65
1750
702
858
1290
10
70
EV07D510K-J
510
675
70
1750
738
902
1355
10
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com