Electronic Components Datasheet Search
  English  ▼

X  

EV22D150KA Datasheet(PDF) 36 Page - World Produts Inc.

Part # EV22D150KA
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV22D150KA Datasheet(HTML) 36 Page - World Produts Inc.

Back Button EV22D150KA Datasheet HTML 32Page - World Produts Inc. EV22D150KA Datasheet HTML 33Page - World Produts Inc. EV22D150KA Datasheet HTML 34Page - World Produts Inc. EV22D150KA Datasheet HTML 35Page - World Produts Inc. EV22D150KA Datasheet HTML 36Page - World Produts Inc. EV22D150KA Datasheet HTML 37Page - World Produts Inc. EV22D150KA Datasheet HTML 38Page - World Produts Inc. EV22D150KA Datasheet HTML 39Page - World Produts Inc. EV22D150KA Datasheet HTML 40Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
34 | Metal Oxide Varistors - EV Series
EV High Energy (-J) Series
Electrical Characteristics
14mm -J
Part
Number
Maximum Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
8/20µs
(joules)
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
EV14D11K-J
11
14
7.0
2000
16
20
36
10
15000
EV14D14K-J
14
18
8.0
2000
20
24
43
10
12000
EV14D17K-J
17
22
10
2000
24
30
53
10
8500
EV14D20K-J
20
26
12
2000
30
36
65
10
7200
EV14D25K-J
25
31
13
2000
35
43
77
10
6300
EV14D30K-J
30
38
17
2000
42
52
93
10
5500
EV14D35K-J
35
45
20
2000
50
62
110
10
4800
EV14D40K-J
40
56
24
2000
61
75
135
10
4000
EV14D50K-J
50
65
27
6000
74
90
135
50
3900
EV14D60K-J
60
85
33
6000
90
110
165
50
3400
EV14D75K-J
75
100
40
6000
108
132
200
50
3100
EV14D95K-J
95
125
53
6000
135
165
250
50
3000
EV14D120K-J
120
150
60
6000
162
198
300
50
1030
EV14D130K-J
130
170
70
6000
185
225
340
50
970
EV14D140K-J
140
180
78
6000
198
242
360
50
840
EV14D150K-J
150
200
84
6000
216
264
395
50
710
EV14D180K-J
180
225
99
6000
243
297
455
50
650
EV14D195K-J
195
250
108
6000
270
330
500
50
600
EV14D210K-J
210
275
115
6000
297
363
550
50
550
EV14D230K-J
230
300
130
6000
324
396
595
50
530
EV14D250K-J
250
320
140
6000
351
429
650
50
500
EV14D275K-J
275
350
155
6000
387
473
710
50
480
EV14D300K-J
300
385
175
6000
423
517
775
50
440
EV14D320K-J
320
415
180
6000
459
561
845
50
390
EV14D350K-J
350
460
185
6000
504
616
825
50
360
EV14D390K-J
390
505
190
6000
558
682
1025
50
320
EV14D420K-J
420
560
200
6000
612
748
1120
50
300
EV14D460K-J
460
615
210
6000
675
825
1240
50
280
EV14D485K-J
485
640
220
6000
702
858
1290
50
250
EV14D510K-J
510
670
235
6000
738
902
1355
50
230
EV14D550K-J
550
745
255
6000
819
1001
1500
50
200
EV14D625K-J
625
825
280
6000
900
1100
1650
50
180
EV14D680K-J
680
895
310
6000
990
1210
1815
50
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com