Electronic Components Datasheet Search
  English  ▼

X  

EV22D150KA Datasheet(PDF) 32 Page - World Produts Inc.

Part # EV22D150KA
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV22D150KA Datasheet(HTML) 32 Page - World Produts Inc.

Back Button EV22D150KA Datasheet HTML 28Page - World Produts Inc. EV22D150KA Datasheet HTML 29Page - World Produts Inc. EV22D150KA Datasheet HTML 30Page - World Produts Inc. EV22D150KA Datasheet HTML 31Page - World Produts Inc. EV22D150KA Datasheet HTML 32Page - World Produts Inc. EV22D150KA Datasheet HTML 33Page - World Produts Inc. EV22D150KA Datasheet HTML 34Page - World Produts Inc. EV22D150KA Datasheet HTML 35Page - World Produts Inc. EV22D150KA Datasheet HTML 36Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
30 | Metal Oxide Varistors - EV Series
EV Standard Series — Electrical Characteristics
34mm
Part
Number
Maximum Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
10/1000µs
(joules)
8/20µs
KA
Min
Volts
Max
Volts
Volts
Amps
pF
EV34D30K
30
38
96
20
42
52
93
60
35000
EV34D35K
35
45
115
20
50
63
110
60
29500
EV34D40K
40
56
136
20
61
75
135
60
24200
EV34D50K
50
65
156
30
74
90
135
300
17950
EV34D60K
60
85
195
30
90
110
165
300
15000
EV34D75K
75
100
235
45
108
132
200
300
12200
EV34D95K
95
125
296
45
135
165
250
300
10000
EV34D120K
120
150
350
45
162
198
300
300
8250
EV34D130K
130
170
400
45
185
225
340
300
6750
EV34D140K
140
180
450
45
198
242
360
300
6400
EV34D150K
150
200
480
45
222
270
395
300
5650
EV34D180K
180
225
540
45
256
310
455
300
5100
EV34D195K
195
250
600
45
270
330
500
300
4510
EV34D210K
210
275
656
50
297
363
550
300
4150
EV34D230K
230
300
745
50
324
396
595
300
3750
EV34D250K
250
320
830
50
362
440
650
300
3500
EV34D275K
275
350
920
50
387
473
710
300
2950
EV34D300K
300
385
1000
50
423
517
775
300
2880
EV34D320K
320
415
1060
50
459
561
845
300
2650
EV34D360K
360
460
1150
50
504
616
925
300
2450
EV34D390K
390
505
1250
50
558
682
1025
300
2200
EV34D420K
420
560
1250
50
612
748
1120
300
2000
EV34D460K
460
615
1280
50
675
825
1240
300
1820
EV34D485K
485
640
1350
50
702
858
1290
300
1750
EV34D510K
510
670
1395
45
738
902
1355
300
1650
EV34D550K
550
745
1475
45
819
1001
1500
300
1500
EV34D575K
575
760
1485
45
855
1045
1570
300
1430
EV34D625K
625
825
1550
45
900
1100
1650
300
1350
EV34D680K
680
895
1700
45
990
1210
1815
300
1230
EV34D750K
750
980
1750
40
1150
1320
1980
300
1135
EV34D850K
850
1120
1750
40
1315
1540
2310
300
970
EV34D1000K
1000
1320
2000
40
1550
1760
2640
300
840



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com