Electronic Components Datasheet Search
  English  ▼

X  

EV22D150KA Datasheet(PDF) 33 Page - World Produts Inc.

Part # EV22D150KA
Description  Metal Oxide Varistors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV22D150KA Datasheet(HTML) 33 Page - World Produts Inc.

Back Button EV22D150KA Datasheet HTML 29Page - World Produts Inc. EV22D150KA Datasheet HTML 30Page - World Produts Inc. EV22D150KA Datasheet HTML 31Page - World Produts Inc. EV22D150KA Datasheet HTML 32Page - World Produts Inc. EV22D150KA Datasheet HTML 33Page - World Produts Inc. EV22D150KA Datasheet HTML 34Page - World Produts Inc. EV22D150KA Datasheet HTML 35Page - World Produts Inc. EV22D150KA Datasheet HTML 36Page - World Produts Inc. EV22D150KA Datasheet HTML 37Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
Metal Oxide Varistors - EV Series | 31
EV High Energy (-J) Series
Electrical Characteristics
5mm -J
Part
Number
Maximum Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
8/20µs
(joules)
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
EV05D11K-J
11
14
0.6
250
16
20
40
1
1500
EV05D14K-J
14
18
0.7
250
20
24
48
1
1260
EV05D17K-J
17
22
0.9
250
24
30
60
1
1050
EV05D20K-J
20
26
1.1
250
30
36
73
1
850
EV05D25K-J
25
31
1.2
250
35
43
86
1
600
EV05D30K-J
30
38
1.5
250
42
52
104
1
500
EV05D35K-J
35
45
1.8
250
50
62
123
1
400
EV05D40K-J
40
56
2.2
250
61
75
150
1
360
EV05D50K-J
50
65
4.0
800
74
90
145
5
480
EV05D60K-J
60
85
4.1
800
90
110
175
5
420
EV05D75K-J
75
100
4.9
800
108
132
210
5
360
EV05D95K-J
95
125
6.5
800
135
165
260
5
280
EV05D120K-J
120
150
7.5
800
162
198
320
55
200
EV05D130K-J
130
170
8.5
800
185
225
355
5
160
EV05D140K-J
140
180
9.0
800
198
242
380
5
110
EV05D150K-J
150
200
10
800
216
264
415
5
105
EV05D180K-J
180
225
11
800
243
297
475
5
100
EV05D195K-J
195
250
12
800
270
330
520
5
95
EV05D210K-J
210
275
13
800
297
363
570
5
90
EV05D230K-J
230
300
16
800
324
396
620
5
85
EV05D250K-J
250
320
17
800
351
429
675
5
80
EV05D275K-J
275
350
20
800
387
473
745
5
70
EV05D300K-J
300
385
21
800
423
517
810
5
60
EV05D320K-J
320
415
23
800
459
561
845
5
55
EV05D360K-J
360
460
24
800
504
616
925
5
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com