Electronic Components Datasheet Search
  English  ▼

X  

APR6016 Datasheet(PDF) 10 Page - Aplus Intergrated Circuits

Part # APR6016
Description  Voice Recording & Playback Device 16 Minute Duration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6016 Datasheet(HTML) 10 Page - Aplus Intergrated Circuits

Back Button APR6016 Datasheet HTML 6Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 7Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 8Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 9Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 10Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 11Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 12Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 13Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 14Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Preliminary
APR6016 Data Sheet
Page 10
Voice Recording & Playback Device
Revision 1.0
Writing Digital Data
Digital data is written into the device using the DIG_WRITE
command. No mixing of analog data and digital data within a
sector is possible. Sectors 0 through 9 are tested and guar-
anteed for digital storage. Other sectors, with the exception of
sector 1279, can store data but have not been tested, and
are thus not guaranteed to provide 100% good bits. This can
be managed with error correction or forward check-before-
store methods. Issuing a DIG_ERASE command on sector
1279 will cause data throughout all sectors to be lost.
A sector must be erased, using the DIG_ERASE command,
before digital data can be written to it. This requirement is
necessary whether analog data or digital data was previously
stored in the sector. A sector should not be erased more than
once between analog or digital write operations. Executing
multiple erase operations on a sector will permanently dam-
age the sector. A sector can be reallocated to either analog
storage or digital storage at any time.
The process of storing digital data begins by sending a
DIG_WRITE command. The DIG_WRITE command is fol-
lowed immediately by four buffer bits. These bits will not be
stored in the array and must be considered don’t care bits.
Immediately following the four buffer bits should be the data
that you wish to store. All 3004 bits must be stored. Four
additional buffer bits must be clocked into the device follow-
ing the stored data. These bits will not be stored in the array
and must be considered don’t care bits. Ending a digital write
command early will permanently damage the sector.
The DO pin will clock out the normal 20 bit CDS followed by
five don’t care bits, a copy of the 3004 data bits, and finally
three don’t care bits.
Figure 11 shows a timing diagram which describes the digital
storage process. All timing with the exception of TpSCLK
should adhere to the specifications given in Figure 4 and Fig-
ure 7. The TpSCLK specification is replaced by the DTpSCLK
when storing digital data.
The /BUSY pin indicates when a
DIG_WRITE is taking place.
Note: The DIG_ERASE command should not be used before
storing analog data. The device will perform its own internal
erase before analog storage.
Figure 11 does not show the DIG_ERASE command which
must be executed on a sector before digital data can be
stored.
Figure 11 Writing Digital Data
/C S
SC LK
D I
DO
CDS
Copy of the input data (delayed one clock cycle)
Four Don’t Care Bits
Total 3032 clock cycles
X
X
X
X
X
X
X
X
DIG_WRITECOMMAND
3004 bits of data to be stored
XX
X
X
X
X
X
X
/BUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com