Electronic Components Datasheet Search
  English  ▼

X  

APR6016 Datasheet(PDF) 20 Page - Aplus Intergrated Circuits

Part # APR6016
Description  Voice Recording & Playback Device 16 Minute Duration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6016 Datasheet(HTML) 20 Page - Aplus Intergrated Circuits

Back Button APR6016 Datasheet HTML 16Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 17Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 18Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 19Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 20Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 21Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 22Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 23Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 24Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Preliminary
APR6016 Data Sheet
Page 20
Voice Recording & Playback Device
Revision 1.0
Notes:
See Figure 6 and Table 1
Tnext4
Previous command =
SET_REC, REC,
SET_PLAY, PLAY
@4kHz Internal sample clock
@8kHz Internal sample clock
External sample clock
470
235
Equation 7
ms
ms
S
Previous command =
SET_FWD, FWD
@4kHz Internal sample clock
@8kHz Internal sample clock
External sample clock
1.25
0.625
Equation 8
ms
ms
Previous command =
All Others
@4kHz Internal sample clock
@8kHz Internal sample clock
External sample clock
5
uS
5
uS
5
uS
Item
Symbol
Condition
Min
Typ
Max
Unit
Equation1
ExternalClockP eriod
2 PrescalerValue
()
---------------------------------------------------------
=
Equation2
1504 ExternalClockPeriod
()
PrescalerValue
--------------------------------------------------------------------------
=
Equation3
3008 ExternalClockPeriod
()
PrescalerValue
--------------------------------------------------------------------------
=
Equation4
8 E xternalClockPeriod
()
PrescalerValue
-----------------------------------------------------------------
=
Equation5
376 ExternalClockPeriod
()
PrescalerValue
-----------------------------------------------------------------------
=
Equation6
ExternalClockP eriod
PrescalerValue
---------------------------------------------------------
=
Equation7
1880 ExternalClockPeriod
()
PrescalerValue
--------------------------------------------------------------------------
=
Equation8
5 E xternalClockPeriod
()
PrescalerValue
-----------------------------------------------------------------
=
Equation9
2632 ExternalClockPeriod
()
PrescalerValue
--------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com