Electronic Components Datasheet Search
  English  ▼

X  

APR6016 Datasheet(PDF) 12 Page - Aplus Intergrated Circuits

Part # APR6016
Description  Voice Recording & Playback Device 16 Minute Duration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6016 Datasheet(HTML) 12 Page - Aplus Intergrated Circuits

Back Button APR6016 Datasheet HTML 8Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 9Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 10Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 11Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 12Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 13Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 14Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 15Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 16Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Preliminary
APR6016 Data Sheet
Page 12
Voice Recording & Playback Device
Revision 1.0
Recording Audio Data
When a SET_REC or REC command is issued the device will
begin sampling and storing the data present on ANAIN+ and
ANAIN- to the specified sector. After half the sector is used
the SAC pin will drop low to indicate that a new command can
be accepted. The device will accept commands as long as
the SAC pin remains low. Any command received after the
SAC returns high will be queued up and executed during the
next SAC cycle.
Figure 13 shows a typical timing diagram and OpCode
sequence for a recording operation. In this example the
SET_REC command begins recording at the specified mem-
ory location after Tarec time has passed. Some time later the
low going edge on the SAC pin alerts the host processor that
the first sector is nearly full. The host processor responds by
issuing a REC command before the SAC pin returns high.
The REC command instructs the APR6016 to continue
recording in the sector immediately following the current sec-
tor. When the first sector is full the device automatically jumps
to the next sector and returns the SAC signal to a high state
to indicate that the second sector is now being used. At this
point the host processor decides to issue a STOP command
during the next SAC cycle. The device follows the STOP
command and terminates recording after TSarec.The /BUSY
pin indicates when actual recording is taking place.
Figure 13 Typical Recording Sequence
/CS
SCLK
DI
Tarec
TSarec
SET_REC
STOP
SAC
ANAIN+
ANAIN-
/BUSY
REC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com