Electronic Components Datasheet Search
  English  ▼

X  

APR6016 Datasheet(PDF) 15 Page - Aplus Intergrated Circuits

Part # APR6016
Description  Voice Recording & Playback Device 16 Minute Duration
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR6016 Datasheet(HTML) 15 Page - Aplus Intergrated Circuits

Back Button APR6016 Datasheet HTML 11Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 12Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 13Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 14Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 15Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 16Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 17Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 18Page - Aplus Intergrated Circuits APR6016 Datasheet HTML 19Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Preliminary
APR6016 Data Sheet
Voice Recording & Playback Device
Page 15
Revision 1.0
Sample Application
Figure 15 shows a sample application utilizing a generic
microcontroller and SPI interface for message management.
The microcontroller uses three general purpose inputs for the
play, record and skip buttons. Five general purpose I/O sig-
nals are utilized in the SPI interface. The /RESET and /BUSY
signal are not used in this design.
The output signal must be amplified in order to drive a
speaker. Several vendors supply integrated speaker amplifi-
ers that can be used for this purpose.
A microphone amplifier and AGC are recommended. Both
blocks are optional. Several vendors supply integrated micro-
phone/AGC amplifiers that can be used for this purpose.
Note that the AGC circuit can be simplified by using the SQLCAP signal as a
peak detector signal.
Figure 15 Sample Schematic using DIP package
All resistors 2.2 K
/C S
DI
DO
VSSD
NC
NC
NC
AN AO U T-
AN A O U T +
NC
/R ESET
VS SA
A U DO UT
SQ LC AP
SC LK
VC C D
EXT C LK
/IN T
SAC
VSSA
NC
/BU S Y
NC
NC
VC C A
AN AIN +
AN AIN -
/SQL OU T
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
G eneric
M icrocontroller
I/O_4
I/O_5
I/O _7
I/O _8
I/O _6
0.1 µ F
1 00K
Vc c
/IR Q
I/O_3
I/O_2
I/O _1
Play
Record
Skip
Vcc
1.0 uF
Vcc
Speaker
AG C
Block
S p eak er
A m p lifie r
Vc c
Mic
Pre-Amp
Mic
Vcc
2.2K
2.2K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com