Electronic Components Datasheet Search
  English  ▼

X  

APR9600 Datasheet(PDF) 8 Page - Aplus Intergrated Circuits

Part # APR9600
Description  SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9600 Datasheet(HTML) 8 Page - Aplus Intergrated Circuits

Back Button APR9600 Datasheet HTML 4Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 5Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 6Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 7Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 8Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 9Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 10Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 11Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 12Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Page 8
Single-Chip Voice Recording & Playback Device for Multiple 40- to 60-Second Messages
Figure 4 shows the device configured in tape mode, using the
auto rewind option. Auto rewind is convenient for systems
designed to store multiple messages. Auto rewind option
does slightly increase parts count above that required for nor-
mal option The Busy pin, /Strobe, and /M7_END are again
connected to LEDs to offer indication to the user of device
status.
Figure 4 Tape Mode, Auto Rewind Option
/M 1_M essage
/M 2_N ext
/M 3
/M 5
/M 4
/M 6
OscR
/M 7_E N D
/M 8_O ption
/B usy
BE
VSSD
VSSA
SP+
APR9600
V CCD
/R E
ExtC lk
M SEL2
M SEL1
/C E
/S trobe
A na_O ut
A na_In
AG C
MicR ef
MicIn
V CCA
SP-
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Busy Indicator LED
Vcc
100 k
End Indicator LED
100 k
38 k
Flashing record / play Indicator LED
100 k
220 k
4.7µF
0.1µF
0.1µF
0.1µF
Vcc
0.1µF
22µF
Vcc
100 k
Rewind switch
Slide action record / playback sw itch
Play / Record Trigger
Electret
Microphone
4.7k
4.7k
+
_
Skip to next message switch
22µF
1k
APR9600
APLUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com