Electronic Components Datasheet Search
  English  ▼

X  

APR9600 Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # APR9600
Description  SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9600 Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  APR9600 Datasheet HTML 1Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 2Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 3Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 4Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 5Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 6Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 7Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 8Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Single-Chip Voice Recording & Playback Device
60-Second Duration
Page 1
Features
• Single-chip, high-quality voice recording & playback
solution
- No external ICs required
- Minimum external components
• Non-volatile Flash memory technology
- No battery backup required
• User-Selectable messaging options
- Random access of multiple fixed-duration messages
- Sequential access of multiple variable-duration
messages
• User-friendly, easy-to-use operation
- Programming & development systems not required
- Level-activated recording & edge-activated play
back switches
• Low power consumption
- Operating current: 25 mA typical
- Standby current: 1 uA typical
- Automatic power-down
• Chip Enable pin for simple message expansion
General Description
The APR9600 devi ce offers true single-chip voice recording,
non-volatile storage, and playback capability for 40 to 60 sec-
onds. The device supports both random and sequential
access of multiple messages. Sample rates are user-select-
able, allowing designers to customize their design for unique
quality and storage time needs. Integrated output amplifier,
microphone amplifier, and AGC circuits greatly
si
mplify sys-
tem design. the device is ideal for use in portable voice
recorders, toys, and many other consumer and industrial
applications.
APLUS integrated
achieves these high levels of storage capa-
bility by using its proprietary analog/multilevel storage tech-
nology implemented in an advanced Flash non-volatile
memory process, where each memory cell can store 256 volt-
age levels. This technology enables the APR9600 device to
reproduce voice signals in their natural form. It eliminates the
need for encoding and compression, which often introduce
distortion.
Pinout Diagram
Figure 1 APR9600 Pinout Diagram
/M 1_M essage
/M 2_Next
/M 3
/M 4
/M 5
/M 6
Osc
/M 7_E D
/M
ption
/Busy
BE
V SSD
VSS A
SP +
VC CD
/RE/RE
ExtClk
M SEL2
M SEL1
/CE
/Strobe
Ana_O ut
Ana_In
AG C
MicR ef
MicIn
VC CA
SP-
28
27
26
25
24
23
22
21
20
19
18
17
16
15
11
14
APR9600
INTEGRATED CIRCUITS INC.
/M2_Next
/M3
/M4
/M5
/M6
OscR
/M8_Option
/M7_END
/Busy
BE
VSSD
VSSA
SP+
/RE
ExtCIK
MSEL2
MSEL1
/CE
/Strobe
Ana_Out
Ana_In
AGC
MicRef
Micln
VCCA
SP-
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Update:2002/11/05


Similar Part No. - APR9600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
APR9/D NXP-APR9/D Datasheet
1Mb / 101P
24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
logo
Aplus Intergrated Circu...
APR9301 APLUS-APR9301 Datasheet
224Kb / 10P
Single-Chip Voice Recording & Playback Device for Single 20 to 30 Second Message
APR9301-V2 APLUS-APR9301-V2 Datasheet
504Kb / 7P
SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
APR9301-V2 APLUS-APR9301-V2 Datasheet
493Kb / 7P
SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
APR9301-V2-1 APLUS-APR9301-V2-1 Datasheet
504Kb / 7P
SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
More results

Similar Description - APR9600

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
Voice Recording & Playback Device Voice Recording & Playback Device
APR9301-V2-1 APLUS-APR9301-V2-1 Datasheet
504Kb / 7P
SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
APR9301-V2 APLUS-APR9301-V2 Datasheet
493Kb / 7P
SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 20 TO 30 SECOND MESSAGE
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Aplus Intergrated Circu...
APR9301 APLUS-APR9301 Datasheet
224Kb / 10P
Single-Chip Voice Recording & Playback Device for Single 20 to 30 Second Message
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com