Electronic Components Datasheet Search
  English  ▼

X  

APR9600 Datasheet(PDF) 9 Page - Aplus Intergrated Circuits

Part # APR9600
Description  SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9600 Datasheet(HTML) 9 Page - Aplus Intergrated Circuits

Back Button APR9600 Datasheet HTML 5Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 6Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 7Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 8Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 9Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 10Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 11Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 12Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 13Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Single-Chip Voice Recording & Playback Device for Multiple 40- to 60-Second Messages
Page 9
Figure 5 shows the device configured in random access
mode. The device is using eight message segments, the max-
imum available, in this mode. Note that message trigger pins
that are not used, for modes with less than eight segments,
can be left unconnected with the exception of pin
/M8_Option which should be pulled to VCC through a 100k
resistor
Figure 5 Random Access Mode
/M 1_M essage
/M 2_N ext
/M 3
/M 5
/M 4
/M 6
O scR
/M 7_E N D
/M 8_O ption
/B usy
BE
VSSD
VSSA
SP+
APR9600
V CCD
/R E
ExtC lk
M SEL2
M SEL1
/C E
/S trobe
A na_O ut
Ana_In
AG C
MicR ef
MicIn
V CCA
SP-
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Vcc
100 k
38 k
Flashing record / play Indicator LED
100 k
220 k
4.7µF
0.1µF
0.1µF
0.1µF
Vcc
0.1µF
22µF
Vcc
100 k
Rewind sw itch
Slide action record / playback switch
M3 message trigger pin
Electret
M icrophone
4.7k
4.7k
+
_
M1 message trigger pin
M4 message trigger pin
M5 message trigger pin
M6 message trigger pin
M7 message trigger pin
M8 message trigger pin
M2 message trigger pin
Busy Indicator LED
22µF
1k
APR9600
APLUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com