Electronic Components Datasheet Search
  English  ▼

X  

APR9600 Datasheet(PDF) 7 Page - Aplus Intergrated Circuits

Part # APR9600
Description  SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9600 Datasheet(HTML) 7 Page - Aplus Intergrated Circuits

Back Button APR9600 Datasheet HTML 3Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 4Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 5Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 6Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 7Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 8Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 9Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 10Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 11Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Single-Chip Voice Recording & Playback Device for Multiple 40- to 60-Second Messages
Page 7
Sampling Application
The following reference schematics are included as exam-
ples on how a recording system might be designed. Each ref-
erence schematic shows the device incorporated in one of its’
three main modes, Random Access, Tape mode - Normal
option, and Tape mode - Auto Rewind option. Note that in
several of the applications either one or all of the /Busy,
/Strobe, or /M7_END pins are connected to LEDs as indica-
tors of device status. This is possible because all of these
pins and signals were designed to have timing compatible
with both microprocessor interface and manual LED indica-
tion. Figure 3 shows the device configured in tape mode, nor-
mal operation. This mode is the minimal part count
application of the APR9600
.
Sampling rate is determined by
the resistor value on pin 7 (OscR). The RC network on pin 19
sets the AGC “attack time”.
A bias must be applied to the electret microphone in order to
power its built in circuitry. The ground return of this bias net-
work is connected to the normally open side of the record
push button. This configuration gates power to microphone
so that it is biased only during recording. This configuration
saves power when not recording by shutting off power to the
electret microphone. Both pins 18 and 19, MicIn and MicRef,
must be AC couple to the microphone network in order to
block the DC biasing voltage.
Figure 3 Tape Mode, Normal Option
/M 1_M essage
/M 2_N ext
/M 3
/M 5
/M 4
/M 6
OscR
/M 7_E N D
/M 8_O ption
/B usy
BE
VSSD
VSSA
SP+
APR9600
V CCD
/R E
ExtC lk
M SEL2
M SEL1
/C E
/S trobe
A na_O ut
A na_In
AG C
MicR ef
MicIn
V CCA
SP-
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Busy Indicator LED
Vcc
100 k
End Indicator LED
100 k
38 k
Flashing record / play Indicator LED
100 k
220 k
4.7µF
0.1µF
0.1µF
0.1µF
Vcc
22µF
0.1µF
22µF
Vcc
100 k
Rewind switch
Slide action record / playback switch
Play / Record Trigger
Electret
Microphone
1k
4.7k
4.7k
+
_
APR9600
APLUS
skip to next message switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com