Electronic Components Datasheet Search
  English  ▼

X  

APR9600 Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # APR9600
Description  SINGLE-CHIP VOICE RECORDING & PLAYBACK DEVICE FOR SINGLE 60 SECOND MESSAGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

APR9600 Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

Back Button APR9600 Datasheet HTML 2Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 3Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 4Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 5Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 6Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 7Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 8Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 9Page - Aplus Intergrated Circuits APR9600 Datasheet HTML 10Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Page 6
Single-Chip Voice Recording & Playback Device for Multiple 40- to 60-Second Messages
Microprocessor Controlled Message Management
The APR9600 devi ce incorporates several features designed
to help simplify microprocessor controlled message manage-
ment. When controlling messages the microprocessor essen-
tially toggles pins as described in the message management
sections describe previously. The /Busy, /Strobe, and
/M7_END pins are included to simplify handshaking between
the microprocessor and the APR9600
The /Busy pin when low indicates to the host processor that
the device is busy and that no commands can be currently
accepted. When this pin is high the device is ready to accept
and execute commands from the host.
The /Strobe pin pulses low each time a memory segments is
used. Counting pulses on this pin enables the host processor
to accurately determine how much recording time has been
used, and how much recording time remains. The APR9600
has a total of eighty memory segments.
The /M7_END pin is used as an indicator that the device has
stopped its current record or playback operation. During
recording a low going pulse indicates that all memory has
been used. During playback a low pulse indicates that the
last message has played.
Microprocessor control can also be used to link several
APR9600 devices together in order to increase total available
recording time. In this application both the speaker and
microphone signals can be connected in parallel. The micro-
processor will then control which device currently drives the
speaker by enabling or disabling each device using their
respective /CE pins. A continuous message can not be
recorded in multiple devices however because the transition
from one device to the next will incur a delay that is notice-
able upon playback. For this reason it is recommended that
message boundaries and device boundaries always coincide.
Signal Storage
The APR9600 samples incoming voice signals and stores the
instantaneous voltage samples in non-volatile FLASH mem-
ory cells. Each memory cell can support voltage ranges from
0 to 256 levels. These 256 discrete voltage levels are the
equivalent of 8-bit (28=256) binary encoded values. During
playback the stored signals are retrieved from memory,
smoothed to form a continuous signal, and then amplified
before being fed to an external speaker.
Sampling Rate & Voice Quality
According to the Shannon’s sampling theorem, the highest
possible frequency component introduced to the input of a
sampling system must be equal to or less than half the sam-
pling frequency if aliasing errors are to be eliminated. The
APR9600
automatically filters its input, based on the selected
sampling frequency, to meet this requirement.
Higher sampling rates increase the bandwidth and hence the
voice quality, but they also use more memory cells for the
same length of recording time. Lower sampling rates use
fewer memory cells and effectively increase the duration
capabilities of the device, but they also reduce incoming sig-
nal bandwidth. The APR9600accommodates sampling rates
as high as 8 kHz and as low a 4 kHz. You can control the
quality/duration trade off by controlling the sampling fre-
quency.
An internal oscillator provides the APR9600 sampling clock.
Oscillator frequency can be changed by changing the resis-
tance from the OscR pin to GND. Table 2 summarizes resis-
tance values and the corresponding sampling frequencies, as
well as the resulting input bandwidth and duration.
Table 2
Reference Rosc Value & Sampling Frequency
Ref Rosc
Sampling
Frequency
Input
Bandwidth
Duration
84 K
W
4.2 kHz
2.1 kHz
60 sec
38 K
W
6.4 kHz
3.2 kHz
40 sec
24 K
W
8.0 kHz
4.0 kHz
32 sec
APR9600
APLUS
NOTICE: Rosc table above is for reference only,different
lots ICs will have somewhat different Rosc value
performance..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com