Electronic Components Datasheet Search
  English  ▼

X  

LM3401MM Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3401MM
Description  LM3401 Hysteretic PFET Controller for High Power LED Drive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3401MM Datasheet(HTML) 5 Page - Texas Instruments

  LM3401MM Datasheet HTML 1Page - Texas Instruments LM3401MM Datasheet HTML 2Page - Texas Instruments LM3401MM Datasheet HTML 3Page - Texas Instruments LM3401MM Datasheet HTML 4Page - Texas Instruments LM3401MM Datasheet HTML 5Page - Texas Instruments LM3401MM Datasheet HTML 6Page - Texas Instruments LM3401MM Datasheet HTML 7Page - Texas Instruments LM3401MM Datasheet HTML 8Page - Texas Instruments LM3401MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5.0
5.2
5.4
5.6
5.8
6.0
-50
-25
0
25
50
75
100
125
TEMPERATURE (qC)
19
19.4
19.8
20.2
20.6
21
-50
-25
0
25
50
75
100
125
TEMPERATURE (
°C)
0.17
0.18
0.19
0.20
0.21
0.22
0.23
-50
-25
0
25
50
75
100
125
50 mV
TEMPERATURE (qC)
500 mV
4 Ps/DIV
VIN
5V/Div
VCS
10V/Div
ILED
100 mA/Div
0. 195
0. 197
0. 199
0. 201
0. 203
0. 205
-50
-25
0
25
50
75
100
125
TEMPERATURE (qC)
19.6
19.85
20.1
20.35
20.6
0
5
10
15
20
25
30
35
20.85
INPUT VOLTAGE (V)
LM3401
www.ti.com
SNVS516C – AUGUST 2007 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS
Unless otherwise specified, VIN = 24V, TA = 25°C.
VREF vs Temperature
HYS Current vs VIN
Figure 2.
Figure 3.
HYS Multiplier vs Temperature
Startup Waveforms
Figure 4.
Figure 5.
ILIM Sink Current vs Temperature
HYS Current vs Temperature
Figure 6.
Figure 7.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com