Electronic Components Datasheet Search
  English  ▼

X  

LM3401MM Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3401MM
Description  LM3401 Hysteretic PFET Controller for High Power LED Drive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3401MM Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3401MM Datasheet HTML 12Page - Texas Instruments LM3401MM Datasheet HTML 13Page - Texas Instruments LM3401MM Datasheet HTML 14Page - Texas Instruments LM3401MM Datasheet HTML 15Page - Texas Instruments LM3401MM Datasheet HTML 16Page - Texas Instruments LM3401MM Datasheet HTML 17Page - Texas Instruments LM3401MM Datasheet HTML 18Page - Texas Instruments LM3401MM Datasheet HTML 19Page - Texas Instruments LM3401MM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
R2 =
90 mV x 5
20 PA
= 22.48 k:
R1 =
200 mV
700 mA
= 286 m:
HYS
ILIM
DIM
CS
HG
SNS
VIN
GND
R2
1%
R3
+
VIN = 18V to 35V
R1
290 m
1%
0.25W
Q1
40V
1.8A
D1
40V
1A
L1
33 PH
C2*
1 PF
50V
690 mA
± 5%
46k
6k
5.
* Optional Component
C1
2.2 PF
50V
LM3401
GND
VIN
CS
LED+
SGND
IC
LM3401
SNVS516C – AUGUST 2007 – REVISED MAY 2013
www.ti.com
Figure 23. Example PCB Layout
DESIGN EXAMPLE
Figure 24. Example Circuit
The following design example is intended to illustrate the step-by-step design process described in the previous
sections. The example refers to the circuit in Figure 24, and the results are summaized in Table 1. The resulting
circuit will drive a string of 2 Luxeon V Star LEDs at 700 mA from an input voltage between 18V and 35V.
The example LEDs have a maximum DC current rating of 700 mA, a forward voltage of 5.4V to 8.3V, and a
maximum peak current rating of 1.0A.
First, set the LED DC current with R1:
(23)
And the required wattage is:
WRSNS = 700 mA
2 x 0.286 = 140 mW
(24)
Select a standard value of 290 m
Ω, 1/4W resistor, which will result in a 690 mA LED DC current.
To keep the peak LED current below ILED_MAX, the maximum hysteresis is determined by:
SNSHYS_MAX = (1.0A - .690A) x 0.29Ω = 90 mV
(25)
Which gives a maximum R2 value of:
(26)
Next, a preferred switching frequency of 1 MHz is selected for this example.
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com