Electronic Components Datasheet Search
  English  ▼

X  

LM3401MM Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3401MM
Description  LM3401 Hysteretic PFET Controller for High Power LED Drive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3401MM Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3401MM Datasheet HTML 5Page - Texas Instruments LM3401MM Datasheet HTML 6Page - Texas Instruments LM3401MM Datasheet HTML 7Page - Texas Instruments LM3401MM Datasheet HTML 8Page - Texas Instruments LM3401MM Datasheet HTML 9Page - Texas Instruments LM3401MM Datasheet HTML 10Page - Texas Instruments LM3401MM Datasheet HTML 11Page - Texas Instruments LM3401MM Datasheet HTML 12Page - Texas Instruments LM3401MM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
0
5
10
15
20
25
30
35
INPUT VOLTAGE (V)
0
250
500
750
1000
1250
1500
= calculated value
68 PH
22 PH
L =
D
fSW
- (2 x delay) x RSNS x (VIN - VANODE)
2 x SNSHYS
fSW =
2 x SNSHYS x L
RSNS x (VIN - VANODE)
D
+ (2 x delay)
50
110
175
255
340
425
505
VHYS (mV)
0
300
600
900
1200
1500
1800
0
300
600
900
1200
1500
1800
22 PH freq
68 PH freq
68 PH rip
22 PH rip
LM3401
www.ti.com
SNVS516C – AUGUST 2007 – REVISED MAY 2013
Figure 16. Switching Frequency and Ripple Current vs Hysteresis
SWITCHING FREQUENCY
Although hysteretic control is a simple control method, the switching frequency depends on application conditions
and components. If the inductance, input voltage, or LED forward voltage is changed, there will be a change in
the switching frequency. Therefore, care must be taken to select components which will provide the desired
frequency range. Usually, the best approach is to determine a nominal switching frequency for the application
and then select the inductor accordingly. Once the inductor is selected, VHYS can be adjusted to set the
frequency range more precisely. This design process usually involves a few iterations to select appropriate
standard values that will result in the desired frequency and ripple current.
Switching frequency can be approximately calculated using the formula:
(8)
Where D is the duty cycle, defined as (VOUT + VDIODE) / VIN, VANODE is 200 mV plus the sum of LED forward
voltages, and delay is the sum of the LM3401 propagation delay time and the PFET delay time. The LM3401
propagation delay is 46 ns typically (See the Propagation Delay curve). Alternately, the inductor value can be
calculated from a known frequency by re-arranging the same equation:
(9)
Switching frequency for a typical application is shown in Figure 17 along with the calculated frequency.
Figure 17. Frequency vs Input Voltage
Maximum switching frequency will typically occur around the input voltage which corresponds to 25% duty cycle.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com