Electronic Components Datasheet Search
  English  ▼

X  

LM3401MM Datasheet(PDF) 19 Page - Texas Instruments

Part # LM3401MM
Description  LM3401 Hysteretic PFET Controller for High Power LED Drive
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3401MM Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3401MM Datasheet HTML 15Page - Texas Instruments LM3401MM Datasheet HTML 16Page - Texas Instruments LM3401MM Datasheet HTML 17Page - Texas Instruments LM3401MM Datasheet HTML 18Page - Texas Instruments LM3401MM Datasheet HTML 19Page - Texas Instruments LM3401MM Datasheet HTML 20Page - Texas Instruments LM3401MM Datasheet HTML 21Page - Texas Instruments LM3401MM Datasheet HTML 22Page - Texas Instruments LM3401MM Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
LM3401
www.ti.com
SNVS516C – AUGUST 2007 – REVISED MAY 2013
This is the estimated amount of LED current variation over the input voltage range. If the minimum input voltage
was below 17V, the LED current variation would be calculated using the 100% duty cycle equation.
Table 1. Design Example Summary
Parameter
Value
Result
Comment
R1
290 m
Ω
690 mA DC
1%
R2
5.6 k
Ω
±22.4 mV hysteresis
VHYS = 112 mV(adjustable)
L1
33 µH, >804 mA
fsw
-
1MHz typical
219 kHz min
Iripple
-
227 mA p-p
worst case
ILED_PK
-
804 mA
worst case
PFET
40V, 1.8A, 130 m
Ω
R3
46 k
Ω
0.95A minimum peak current limit
adjustable
C1
2.2 µF, 50V ceramic
>345 mA rms
D1
40V, 1A
Schottky
Accuracy
±6.1%
±42 mA max variation
part-to-part
Regulation
1.6%
11 mA variation
vs VIN
Ta_max
108°C
worst case
C2
1.0 µF, 50V
LED ripple reduction
optional
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com