Electronic Components Datasheet Search
  English  ▼

X  

LM3481MM Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3481MM
Description  LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3481MM Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3481MM Datasheet HTML 9Page - Texas Instruments LM3481MM Datasheet HTML 10Page - Texas Instruments LM3481MM Datasheet HTML 11Page - Texas Instruments LM3481MM Datasheet HTML 12Page - Texas Instruments LM3481MM Datasheet HTML 13Page - Texas Instruments LM3481MM Datasheet HTML 14Page - Texas Instruments LM3481MM Datasheet HTML 15Page - Texas Instruments LM3481MM Datasheet HTML 16Page - Texas Instruments LM3481MM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
R7 =
§
¨
©
-1
VEN
1.43V
x
R8
R8 =
§
¨
©
1 +
1.43V ± VSH
VEN ± 1.43V
IUVLO
x
1.43V
FA/SYNC/SD
40 k:
DR
30 Ps
LM3481
FA/SYNC/SD
>1.3V
10 k:
RFA
MOSFET State
On-Normal Operation
OFF- Shutdown
LM3481
FA/SYNC/SD
Freq. clock
100 kHz to 1 MHz
RFA
LM3481
LM3481
www.ti.com
SNVS346E – NOVEMBER 2007 – REVISED APRIL 2012
Figure 25. Frequency Synchronization
Figure 26. Shutdown Operation in Frequency Adjust Mode
Figure 27. Shutdown Operation in Synchronization Mode
UNDER VOLTAGE LOCKOUT (UVLO) Pin
The UVLO pin provides user programmable enable and shutdown thresholds. The UVLO pin is compared to an
internal reference of 1.43V (typical), and a resistor divider programs the enable threshold, VEN. When the IC is
enabled, a 5
μA current is sourced out of the UVLO pin, which effectively causes a hysteresis, and the UVLO
shutdown threshold, VSH, is now lower than the enable threshold. Setting these thresholds requires two resistors
connected from the VIN pin to the UVLO pin and from the UVLO pin to GND (see Figure 28). Select the desired
enable, VEN, and UVLO shutdown, VSH, threshold voltages and use the following equations to determine the
resistance values:
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com