Electronic Components Datasheet Search
  English  ▼

X  

LM3481MM Datasheet(PDF) 18 Page - Texas Instruments

Part # LM3481MM
Description  LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3481MM Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM3481MM Datasheet HTML 14Page - Texas Instruments LM3481MM Datasheet HTML 15Page - Texas Instruments LM3481MM Datasheet HTML 16Page - Texas Instruments LM3481MM Datasheet HTML 17Page - Texas Instruments LM3481MM Datasheet HTML 18Page - Texas Instruments LM3481MM Datasheet HTML 19Page - Texas Instruments LM3481MM Datasheet HTML 20Page - Texas Instruments LM3481MM Datasheet HTML 21Page - Texas Instruments LM3481MM Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
ICIN(RMS) =
'iL / 3
(VOUT - VIN)VIN
=
VOUTLfS
12
RGate
tLH =
VDR - Vgsth
Qgs
2
Qgd +
x
PSW =
ILmax x Vout
2
x fSW x (tLH + tHL)
VIN(MIN)
VOUT
1-
DMAX =
IOUT(max) 2
DMAXRDS(ON)
PCOND(MAX) =
1 - DMAX
LM3481
SNVS346E – NOVEMBER 2007 – REVISED APRIL 2012
www.ti.com
Power MOSFET Selection
The drive pin, DR, of the LM3481 must be connected to the gate of an external MOSFET. In a boost topology,
the drain of the external N-Channel MOSFET is connected to the inductor and the source is connected to the
ground. The drive pin voltage, VDR, depends on the input voltage (see typical performance characteristics). In
most applications, a logic level MOSFET can be used. For very low input voltages, a sub-logic level MOSFET
should be used.
The selected MOSFET directly controls the efficiency. The critical parameters for selection of a MOSFET are:
1. Minimum threshold voltage, VTH(MIN)
2. On-resistance, RDS(ON)
3. Total gate charge, Qg
4. Reverse transfer capacitance, CRSS
5. Maximum drain to source voltage, VDS(MAX)
The off-state voltage of the MOSFET is approximately equal to the output voltage. VDS(MAX) of the MOSFET must
be greater than the output voltage. The power losses in the MOSFET can be categorized into conduction losses
and ac switching or transition losses. RDS(ON) is needed to estimate the conduction losses. The conduction loss,
PCOND, is the I
2R loss across the MOSFET. The maximum conduction loss is given by:
where DMAX is the maximum duty cycle.
At high switching frequencies the switching losses may be the largest portion of the total losses.
The switching losses are very difficult to calculate due to changing parasitics of a given MOSFET in operation.
Often, the individual MOSFET datasheet does not give enough information to yield a useful result. The following
formulas give a rough idea how the switching losses are calculated:
Input Capacitor Selection
Due to the presence of an inductor at the input of a boost converter, the input current waveform is continuous
and triangular, as shown in Figure 30. The inductor ensures that the input capacitor sees fairly low ripple
currents. However, as the input capacitor gets smaller, the input ripple goes up. The rms current in the input
capacitor is given by:
The input capacitor should be capable of handling the rms current. Although the input capacitor is not as critical
in a boost application, low values can cause impedance interactions. Therefore a good quality capacitor should
be chosen in the range of 100 µF to 200 µF. If a value lower than 100 µF is used, then problems with impedance
interactions or switching noise can affect the LM3481. To improve performance, especially with VIN below 8V, it
is recommended to use a 20
Ω resistor at the input to provide a RC filter. This resistor is placed in series with the
VIN pin with only a bypass capacitor attached to the VIN pin directly (see Figure 32). A 0.1 µF or 1 µF ceramic
capacitor is necessary in this configuration. The bulk input capacitor and inductor will connect on the other side
of the resistor with the input power supply.
18
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Links: LM3481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com