Electronic Components Datasheet Search
  English  ▼

X  

LM3481MM Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3481MM
Description  LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3481MM Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3481MM Datasheet HTML 12Page - Texas Instruments LM3481MM Datasheet HTML 13Page - Texas Instruments LM3481MM Datasheet HTML 14Page - Texas Instruments LM3481MM Datasheet HTML 15Page - Texas Instruments LM3481MM Datasheet HTML 16Page - Texas Instruments LM3481MM Datasheet HTML 17Page - Texas Instruments LM3481MM Datasheet HTML 18Page - Texas Instruments LM3481MM Datasheet HTML 19Page - Texas Instruments LM3481MM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Isw(peak) =
IOUT(max)
(1-D)
+
(D x VIN)
(2 x fS x L)
VOUT = 1.275 (1+
RF1
RF2
)
IL =
IOUT
1-D
LM3481
SNVS346E – NOVEMBER 2007 – REVISED APRIL 2012
www.ti.com
The important quantities in determining a proper inductance value are IL (the average inductor current) and ΔiL
(the inductor current ripple difference between the peak inductor current and the average inductor current). If
ΔiL
is larger than IL, the inductor current will drop to zero for a portion of the cycle and the converter will operate in
discontinuous conduction mode. If
ΔiL is smaller than IL, the inductor current will stay above zero and the
converter will operate in continuous conduction mode. All the analysis in this datasheet assumes operation in
continuous conduction mode. To operate in continuous conduction mode, the following conditions must be met:
IL > ΔiL
Choose the minimum IOUT to determine the minimum L. A common choice is to set (2 x ΔiL) to 30% of IL.
Choosing an appropriate core size for the inductor involves calculating the average and peak currents expected
through the inductor. In a boost converter,
IL_peak = IL(max) + ΔiL(max)
A core size with ratings higher than these values should be chosen. If the core is not properly rated, saturation
will dramatically reduce overall efficiency.
The LM3481 can be set to switch at very high frequencies. When the switching frequency is high, the converter
can operate with very small inductor values. With a small inductor value, the peak inductor current can be
extremely higher than the output currents, especially under light load conditions.
The LM3481 senses the peak current through the switch. The peak current through the switch is the same as the
peak current calculated above.
Programming the Output Voltage and Output Current
The output voltage can be programmed using a resistor divider between the output and the feedback pins, as
shown in Figure 31. The resistors are selected such that the voltage at the feedback pin is 1.275V. RF1 and RF2
can be selected using the equation,
A 100 pF capacitor may be connected between the feedback and ground pins to reduce noise.
The maximum amount of current that can be delivered at the output can be controlled by the sense resistor,
RSEN. Current limit occurs when the voltage that is generated across the sense resistor equals the current sense
threshold voltage, VSENSE. Limits for VSENSE have been specified in the electrical characteristics section. This can
be expressed as:
Isw(peak) x RSEN = VSENSE- D x VSL
The peak current through the switch is equal to the peak inductor current.
Isw(peak) = IL(max) + ΔiL
Therefore for a boost converter
16
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Links: LM3481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com