Electronic Components Datasheet Search
  English  ▼

X  

LM3481MM Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3481MM
Description  LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3481MM Datasheet(HTML) 3 Page - Texas Instruments

  LM3481MM Datasheet HTML 1Page - Texas Instruments LM3481MM Datasheet HTML 2Page - Texas Instruments LM3481MM Datasheet HTML 3Page - Texas Instruments LM3481MM Datasheet HTML 4Page - Texas Instruments LM3481MM Datasheet HTML 5Page - Texas Instruments LM3481MM Datasheet HTML 6Page - Texas Instruments LM3481MM Datasheet HTML 7Page - Texas Instruments LM3481MM Datasheet HTML 8Page - Texas Instruments LM3481MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LM3481
www.ti.com
SNVS346E – NOVEMBER 2007 – REVISED APRIL 2012
ABSOLUTE MAXIMUM RATINGS
(1)
VIN pin Voltage
-0.4V to 50V
FB Pin Voltage
-0.4V to 6V
FA/SYNC/SD Pin Voltage
-0.4V to 6V
COMP Pin Voltage
-0.4V to 6V
UVLO Pin Voltage
-0.4V to 6V
VCC Pin Voltage
-0.4V to 6V
DR Pin Voltage
-0.4V to 6V
ISEN Pin Voltage
–0.4V to 600 mV
Peak Driver Output Current
1.0A
Power Dissipation
Internally Limited
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
ESD Susceptibility
Human Body Model (2)
2 kV
Lead Temperature
DGS Package
Vapor Phase (60 sec.)
215°C
Infared (15 sec.)
220°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings indicates conditions for which
the device is intended to be functional, but does not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor into each pin.
RECOMMENDED OPERATING CONDITIONS
(1)
Supply Voltage
2.97V to 48V
Junction Temperature Range
−40°C to +125°C
Switching Frequency Range
100 kHz to 1 MHz
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings indicates conditions for which
the device is intended to be functional, but does not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions.
ELECTRICAL CHARACTERISTICS
VIN=12V, RFA=40 kΩ unless otherwise indicated under the Conditions column. Typicals and limits appearing in plain type
apply for TJ = 25°C. Limits appearing in boldfacetype apply over the full Operating Temperature Range (-40°C to 125°C).
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VFB
Feedback Voltage
VCOMP = 1.4V, 2.97 ≤ VIN ≤ 48V
1.256
1.275
1.294
V
ΔVLINE
Feedback Voltage Line Regulation
2.97
≤ VIN ≤ 48V
0.003
%/V
ΔVLOAD
Output Voltage Load Regulation
IEAO Source/Sink
±0.5
%/A
Undervoltage Lockout Reference
VUVLOSEN
VUVLO Ramping Down
1.345
1.430
1.517
V
Voltage
IUVLO
UVLO Source Current
Enabled
3
5
6
µA
VUVLOSD
UVLO Shutdown Voltage
0.7
V
ICOMP
COMP pin Current Sink
VFB = 0V
640
µA
VCOMP
VFB = 1.275V
1
V
fnom
Nominal Switching Frequency
RFA = 40 kΩ
406
475
550
kHz
Threshold for Synchronization on
Vsync-HI
Synchronization Voltage Rising
1.4
V
FA/SYNC/SD pin
Threshold for Synchronization on
Vsync-LOW
Synchronization Voltage Falling
0.7
V
FA/SYNC/SD pin
(1)
All limits are guaranteed at room temperature (standard type face) and at temperature extremes (bold type face). All room
temperature limits are 100% tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality
Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com