Electronic Components Datasheet Search
  English  ▼

X  

LM3481MM Datasheet(PDF) 17 Page - Texas Instruments

Part # LM3481MM
Description  LM3481/LM3481Q High Efficiency Low-Side N-Channel Controller for Switching
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3481MM Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3481MM Datasheet HTML 13Page - Texas Instruments LM3481MM Datasheet HTML 14Page - Texas Instruments LM3481MM Datasheet HTML 15Page - Texas Instruments LM3481MM Datasheet HTML 16Page - Texas Instruments LM3481MM Datasheet HTML 17Page - Texas Instruments LM3481MM Datasheet HTML 18Page - Texas Instruments LM3481MM Datasheet HTML 19Page - Texas Instruments LM3481MM Datasheet HTML 20Page - Texas Instruments LM3481MM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
RSEN =
IOUT(max)
(1-D)
+
(D x VIN)
(2 x fS x L)
VSENSE - D x (VSL+'VSL)
DR
VOUT
FB
L
D1
Q
ISEN
COUT
RF2
VIN
LM3481
RSEN
RF1
+
RSEN =
VSENSE - (D x VSL)
IOUT(max)
(1-D)
+
(D x VIN)
(2 x fS x L)
LM3481
www.ti.com
SNVS346E – NOVEMBER 2007 – REVISED APRIL 2012
Combining the two equations yields an expression for RSEN
Evaluate RSEN at the maximum and minimum VIN values and choose the smallest RSEN calculated.
Figure 31. Adjusting the Output Voltage
Current Limit with Additional Slope Compensation
If an external slope compensation resistor is used (see Figure 22) the internal control signal will be modified and
this will have an effect on the current limit.
If RSL is used, then this will add to the existing slope compensation. The command voltage, VCS, will then be
given by:
VCS = VSENSE − D x (VSL + ΔVSL)
Where VSENSE is a defined parameter in the electrical characteristics section and ΔVSL is the additional slope
compensation generated as discussed in the Slope Compensation Ramp section. This changes the equation for
RSEN to:
Note that since
ΔVSL = RSL x K as defined earlier, RSLcan be used to provide an additional method for setting the
current limit. In some designs RSL can also be used to help filter noise to keep the ISEN pin quiet.
Power Diode Selection
Observation of the boost converter circuit shows that the average current through the diode is the average load
current, and the peak current through the diode is the peak current through the inductor. The diode should be
rated to handle more than the inductor peak current. The peak diode current can be calculated using the formula:
ID(Peak) = [IOUT/ (1−D)] + ΔiL
In the above equation, IOUT is the output current and ΔiL has been defined in Figure 30.
The peak reverse voltage for a boost converter is equal to the regulator output voltage. The diode must be
capable of handling this peak reverse voltage. To improve efficiency, a low forward drop Schottky diode is
recommended.
Copyright © 2007–2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com