Electronic Components Datasheet Search
  English  ▼

X  

LM5070 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5070
Description  LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5070 Datasheet(HTML) 4 Page - Texas Instruments

  LM5070 Datasheet HTML 1Page - Texas Instruments LM5070 Datasheet HTML 2Page - Texas Instruments LM5070 Datasheet HTML 3Page - Texas Instruments LM5070 Datasheet HTML 4Page - Texas Instruments LM5070 Datasheet HTML 5Page - Texas Instruments LM5070 Datasheet HTML 6Page - Texas Instruments LM5070 Datasheet HTML 7Page - Texas Instruments LM5070 Datasheet HTML 8Page - Texas Instruments LM5070 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM5070
SNVS308G – OCTOBER 2004 – REVISED APRIL 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
VIN ,RTN to VEE
-0.3V to 80V
RSIG to VIN
-12V to 0V
UVLO to VEE
-0.3V to 57V
UVLORTN
-0.3V to 13V
RCLASS, RCLP to VEE
-0.3V to 7V
ARTN to RTN
-0.3V to 0.3V
VCC, OUT to ARTN
-0.3V to 16V
All other inputs to ARTN
-0.3V to 7V
ESD Rating
Human Body Model
2000V
Storage Temperature
-65°C to +150°C
Junction Temperature
150°C
Lead Temperature(3)
Wave (4 seconds)
260°C
Infrared (10 seconds)
240°C
Vapor Phase (75 seconds)
219°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics. The
absolute maximum rating of VIN, RTN to VEE is derated to (-0.3V to 76V) at -40°C.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
For detailed information on soldering plastic TSSOP and WSON packages, see the Packaging Databook available from TI.
Operating Ratings
VIN voltage
1.8V to 75V
External voltage applied to VCC
8.1V to 15V
Operating Junction Temperature
-40°C to +125°C
Electrical Characteristics
(1)
Specifications in standard type face are for TJ= +25°C and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified: VIN = 48V, VCC = 10V, RT = 30.3kΩ.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Powered Interface
IOS
Offset Current
VIN < 10.0V
10
uA
VCLSS(ON)
Signature Resistor Disable /
VIN with respect to VEE
10.0
11.5
12.5
V
Classification Current Turn On
VCLSS(OFF)
Classification Current Turn Off
VIN with respect to VEE
20.5
22.0
23.0
V
Classification Voltage
With respect to VEE
1.43
1.5
1.57
V
ICLASS
Supply Current During
VIN =17V
0.5
1.0
mA
Classification
IDC
Supply Current During Normal
OUT floating
1
1.9
mA
Operation
UVLO Pin Reference Voltage
VIN > 12V
1.95
2.00
2.05
V
UVLO Hysteresis Current
VIN > UVLO
8.0
10
11.5
uA
Softstart Release
RTN falling with respect to
1.2
1.45
1.7
V
VEE
Softstart Release Hysteresis
RTN rising with respect to
0.8
1.1
1.3
V
VEE
RDS(ON)
PowerFET Resistance
I = 350mA,
1
2.2
Ω
VIN = 48V
ILEAK
SMPS Bias Current
VEE = 0V, VIN = RTN = 57V
100
uA
ILIM
Default Current Limit
VEE = 0V, RTN = 3.0V,
350
390
420
mA
Temp = 0°C to 85°C
(1)
Min and Max limits are 100% production tested at 25 °C. Limits over the operating temperature range are specified through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com