Electronic Components Datasheet Search
  English  ▼

X  

LM5070 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM5070
Description  LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5070 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM5070 Datasheet HTML 10Page - Texas Instruments LM5070 Datasheet HTML 11Page - Texas Instruments LM5070 Datasheet HTML 12Page - Texas Instruments LM5070 Datasheet HTML 13Page - Texas Instruments LM5070 Datasheet HTML 14Page - Texas Instruments LM5070 Datasheet HTML 15Page - Texas Instruments LM5070 Datasheet HTML 16Page - Texas Instruments LM5070 Datasheet HTML 17Page - Texas Instruments LM5070 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LM5070
SNVS308G – OCTOBER 2004 – REVISED APRIL 2013
www.ti.com
Gate Driver and Maximum Duty Cycle Limit
The LM5070 provides an internal gate driver (OUT), which can source and sink a peak current of 800mA. The
LM5070 is available in two duty cycle limit options. The maximum output duty cycle is typically 80% for the
LM5070-80 option and precisely equal to 50% for the LM5070-50 option. The maximum duty cycle function for
the LM5070-50 is accomplished with an internal toggle flip-flop which ensures an accurate duty cycle limit. The
internal oscillator frequency of the LM5070-50 is therefore twice the operating frequency of the PWM controller
(OUT pin).
The 80% maximum duty cycle limit of the LM5070-80 is determined by the internal oscillator and varies more
than the 50% limit of the LM5070-50. For the LM5070-80, the internal oscillator frequency and the operational
frequency of the PWM controller are equal.
Thermal Protection
Internal thermal shutdown circuitry is provided to protect the integrated circuit in the event the maximum junction
temperature is exceeded. This feature prevents catastrophic failures from accidental device overheating. When
activated, typically at 165 degrees Celsius, the controller is forced into a low power standby state, disabling the
output driver, bias regulator, main interface pass MOSFET, and classification regulator if enabled. After the
temperature is reduced (typical hysteresis = 25°C) the VCC regulator will be enabled and a softstart sequence
initiated.
14
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com