Electronic Components Datasheet Search
  English  ▼

X  

LM5070 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5070
Description  LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5070 Datasheet(HTML) 1 Page - Texas Instruments

  LM5070 Datasheet HTML 1Page - Texas Instruments LM5070 Datasheet HTML 2Page - Texas Instruments LM5070 Datasheet HTML 3Page - Texas Instruments LM5070 Datasheet HTML 4Page - Texas Instruments LM5070 Datasheet HTML 5Page - Texas Instruments LM5070 Datasheet HTML 6Page - Texas Instruments LM5070 Datasheet HTML 7Page - Texas Instruments LM5070 Datasheet HTML 8Page - Texas Instruments LM5070 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
RJ45
Connector
TX+ (1)
TX- (2)
RX+ (3)
RX- (6)
(4)
(7)
(5)
(8)
To PHY
To PHY
Hot Plug Controller
In-rush and Fault
Current Limiting
DC-DC
Converter
Controller
Current Mode
IEEE 802.3af
Interface
UVLO
Signature Detection
Classification
LM5070
VDC
LM5070
www.ti.com
SNVS308G – OCTOBER 2004 – REVISED APRIL 2013
LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
Check for Samples: LM5070
1
FEATURES
DESCRIPTION
The LM5070 power interface port and pulse width
2
•
Fully Compliant 802.3af Power Interface Port
modulation (PWM) controller provides a complete
•
80V, 1
Ω, 400 mA Internal MOSFET
integrated solution for Powered Devices (PD) that
•
Programmable Inrush Current Limit
connect into Power over Ethernet (PoE) systems. The
LM5070 integrates an 80V, 400mA line connection
•
Detection Resistor Disconnect Function
switch and associated control for a fully IEEE 802.3af
•
Programmable Classification Current
compliant interface with a full featured current mode
•
Programmable Under-voltage Lockout with
pulse width modulator dc-dc converter. All power
Programmable Hysteresis
sequencing
requirements
between
the
controller
interface and switch mode power supply (SMPS) are
•
Thermal Shutdown Protection
integrated into the IC. Two options are available
•
Current Mode Pulse Width Modulator
providing either an 80% maximum duty cycle limit
•
Supports Both Isolated and Non-Isolated
with slope compensation (on the –80 suffix) device or
Applications
a 50% maximum duty cycle limit and no slope
compensation on the (–50 suffix) device.
•
Error Amplifier and Reference for Non-Isolated
Applications
PACKAGES
•
Programmable Oscillator Frequency
•
TSSOP-16
•
Programmable Soft-Start
•
WSON-16 (5 mm x 5 mm)
•
80% Maximum Duty Cycle Limiter, Slope
Compensation (-80 device)
•
50% Maximum Duty Cycle Limiter, No Slope
Compensation (-50 device)
•
800 mA Peak Gate Driver
Block Diagrams
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5070

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5070 NSC-LM5070 Datasheet
833Kb / 17P
Integrated Power Over Ethernet PD Interface and PWM Controller
logo
Texas Instruments
LM5070 TI1-LM5070 Datasheet
1Mb / 23P
Integrated Power Over Ethernet PD Interface and PWM Controller
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
Integrated Power Over Ethernet PD Interface and PWM Controller
LM5070 TI2-LM5070 Datasheet
770Kb / 27P
LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
REVISED APRIL 2013
logo
National Semiconductor ...
LM5070MTC-50 NSC-LM5070MTC-50 Datasheet
833Kb / 17P
Integrated Power Over Ethernet PD Interface and PWM Controller
More results

Similar Description - LM5070

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
National Semiconductor ...
LM5070 NSC-LM5070 Datasheet
833Kb / 17P
Integrated Power Over Ethernet PD Interface and PWM Controller
LM5072 NSC-LM5072 Datasheet
945Kb / 24P
Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Maxim Integrated Produc...
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
logo
Texas Instruments
LM5071 TI1-LM5071_14 Datasheet
1Mb / 23P
Power Over Ethernet PD Controller with Auxiliary Power Interface
LM5070 TI1-LM5070_14 Datasheet
1Mb / 23P
Integrated Power Over Ethernet PD Interface and PWM Controller
logo
Linear Technology
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
Integrated Power Over Ethernet PD Interface and PWM Controller
LM5072 TI1-LM5072 Datasheet
1Mb / 34P
Integrated 100V Power Over Ethernet PD Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com