Electronic Components Datasheet Search
  English  ▼

X  

LM5070 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5070
Description  LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5070 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5070 Datasheet HTML 7Page - Texas Instruments LM5070 Datasheet HTML 8Page - Texas Instruments LM5070 Datasheet HTML 9Page - Texas Instruments LM5070 Datasheet HTML 10Page - Texas Instruments LM5070 Datasheet HTML 11Page - Texas Instruments LM5070 Datasheet HTML 12Page - Texas Instruments LM5070 Datasheet HTML 13Page - Texas Instruments LM5070 Datasheet HTML 14Page - Texas Instruments LM5070 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LM5070
www.ti.com
SNVS308G – OCTOBER 2004 – REVISED APRIL 2013
Classification
To classify the PD, the PSE will present a voltage between 14.5V and 20.5V to the PD. The LM5070 enables
classification mode at a nominal input voltage of 11.5V. An internal 1.5V linear regulator and an external resistor
connected to the RCLASS pin provide classification programming current. Table 2 shows the external
classification resistor required for a particular class.
The classification current flows through the IC into the classification resistor. The suggested resistor values take
into account the bias current flowing into the IC. A different desired RCLASS can be calculated by dividing 1.5V
by the desired classification current.
Per the IEEE 802.3af specification, classification is optional, and the PSE will default to class 0 if a valid
classification current is not detected. If PD classification is not desired (i.e., Class 0), simply leave the RCLASS
pin open. The classification time period may not last longer then 75ms as per IEEE 802.3af. The LM5070 will
remain in classification mode until VIN is greater than 22V.
Table 2. Classification Levels and Required External Resistors
Class
PMIN
PMAX
ICLASS
ICLASS
RCLASS
(MIN)
(MAX)
0
0.44W
12.95W
0mA
4mA
Open
1
0.44W
3.84W
9mA
12mA
150
Ω
2
3.84W
6.49W
17mA
20mA
82.5
Ω
3
6.49W
12.95W
26mA
30mA
53.6
Ω
4
Reserved
Reserved
36mA
44mA
38.3
Ω
Undervoltage Lockout (UVLO)
The IEEE 802.3af specification states that the PSE will supply power to the PD within 400ms after completion of
detection. The LM5070 contains a programmable line Under Voltage Lock Out (UVLO) circuit. The first resistor
should be connected between the VIN to UVLO pins; the bottom resistor in the divider should be connected
between the UVLO and UVLORTN pins. The bottom resistor should not be tied to VEE because any current from
VIN to VEE will cause the system to violate the 10uA maximum offset current specification during detection mode.
The divider must be designed such that the voltage at the UVLO pin equals 2.0V when VIN reaches the desired
minimum operating level. If the UVLO threshold is not met, the interface control and SMPS control will remain in
standby.
UVLO hysteresis is accomplished with an internal 10uA current source that is switched on and off into the
impedance of the UVLO set point divider. When the UVLO threshold is exceeded, the current source is activated
to instantly raise the voltage at the UVLO pin. When the UVLO pin voltage falls below the 2.00V threshold, the
current source is turned off, causing the voltage at the UVLO pin to fall. The LM5070 UVLO thresholds cannot be
programmed lower than 23V, otherwise the device would operate in classification mode with both the
classification current source and the SMPS enabled. The combined power dissipation of these two functions
could exceed the maximum power dissipation of the package.
There are many additional uses for the UVLO pin. The UVLO function can also be used to implement a remote
enable / disable function. Pulling the UVLO pin down below the UVLO threshold disables the interface and SMPS
controller.
Power Supply Operation / Current Limit Programming
Once the UVLO threshold has been satisfied, the interface controller of the LM5070 will charge up the SMPS
input capacitor through the internal power MOSFET. This load capacitance provides input filtering for the power
converter section and must be at least 5uF per the IEEE 802.3af specification. To accomplish the charging in a
controlled manner, the power MOSFET is current limited to 375mA. The IEEE 802.3af specification requires that
the load capacitance be charged within 75ms.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com