Electronic Components Datasheet Search
  English  ▼

X  

LM5070 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5070
Description  LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5070 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5070 Datasheet HTML 5Page - Texas Instruments LM5070 Datasheet HTML 6Page - Texas Instruments LM5070 Datasheet HTML 7Page - Texas Instruments LM5070 Datasheet HTML 8Page - Texas Instruments LM5070 Datasheet HTML 9Page - Texas Instruments LM5070 Datasheet HTML 10Page - Texas Instruments LM5070 Datasheet HTML 11Page - Texas Instruments LM5070 Datasheet HTML 12Page - Texas Instruments LM5070 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
CS
LOGIC
OUT
DRIVER
PWM
100k
50k
CLK
SS
VCC
2k
CLK +LEB
80% MAX
DUTY LIMIT (-80)
50% MAX
DUTY LIMIT (-50)
COMP
OSC
RT
0.5V
0
45 PA
R
S
Q
Q
+
-
+
-
5k
1.4V
SS
FB
1.25V
5V
+
-
10 PA
SS
Slope
Compensation
Generator
-50 Device Has
No Slope
Compensation
CURRENT
LIMIT
VIN
RTN
ARTN
OUT
LOCAL_EN
LT20V
10 PA
1.5V
VBG
Power OK
EN
SS
CS
RT
COMP
FB
Switch Mode
Power Supply
Controller
See
Figure 3
for Detail
VCC
RCLP
VEE
RCLASS
RSIG
Thermal Limit
1.5V
1.5V
EN
10V
VIN
UVLORTN
5V
VIN
+
-
+
-
Gate
Control
LOCKOUT
UVLO
2V
60V
2V
LM5070
www.ti.com
SNVS308G – OCTOBER 2004 – REVISED APRIL 2013
BLOCK DIAGRAMS
Figure 13. Top Level Block Diagram
Figure 14. PWM Controller Block Diagram
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com