Electronic Components Datasheet Search
  English  ▼

X  

LM5088 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM5088
Description  LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5088 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5088 Datasheet HTML 8Page - Texas Instruments LM5088 Datasheet HTML 9Page - Texas Instruments LM5088 Datasheet HTML 10Page - Texas Instruments LM5088 Datasheet HTML 11Page - Texas Instruments LM5088 Datasheet HTML 12Page - Texas Instruments LM5088 Datasheet HTML 13Page - Texas Instruments LM5088 Datasheet HTML 14Page - Texas Instruments LM5088 Datasheet HTML 15Page - Texas Instruments LM5088 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Dropout_Voltage = VOUT x
TOSC - TOFF(max)
TOFF(max)
LM5088, LM5088-Q1
SNVS600H – DECEMBER 2008 – REVISED MARCH 2013
www.ti.com
•
gm is the ramp current generator transconductance (5 µA/V)
•
A is the gain of the current sense amplifier (10V/V)
(3)
The RAMP capacitor should connected directly to the RAMP and GND pins of the IC.
For duty cycles greater than 50%, peak current mode control circuits are subject to sub-harmonic oscillation.
Sub-harmonic oscillation is normally characterized by alternating wide and narrow pulses at the SW pin. Adding
a fixed slope voltage ramp (slope compensation) to the current sense signal prevents this oscillation. The 25 µA
offset current supplied by the emulated current source provides a fixed slope to the ramp signal. In some high
output voltage, high duty cycles applications; additional slope compensation may be required. In these
applications, a pull-up resistor may be added between the RAMP and VCC pins to increase the ramp slope
compensation. A formula to configure pull-up resistor is shown in Applications Information.
Dropout Voltage Reduction
The LM5088 features unique circuitry to reduce the dropout voltage. Dropout voltage is defined as the difference
between the minimum input voltage to maintain regulation and the output voltage (VINmin - Vout). Dropout voltage
thus determines the lowest input voltage at which the converter maintains regulation. In a buck converter,
dropout voltage primarily depends upon the maximum duty cycle. The maximum duty cycle is dependant on the
oscillator frequency and minimum off-time.
An approximation for the dropout voltage is:
where
•
TOSC = 1/fSW
•
TOFF (max) is the forced off-time (280 ns typical, 365 ns maximum)
•
fSW is the oscillator frequency
•
TOSC is the oscillator period
(4)
From the above equation, it can be seen that for a given output voltage, reducing the dropout voltage requires
either reducing the forced off-time or oscillator frequency (1/TOSC). The forced off-time is limited by the time
required to replenish the bootstrap capacitor and time required to sample the re-circulating diode current. The
365 ns forced off-time of the LM5088 controller is a good trade-off between these two requirements. Thus the
LM5088 reduces dropout voltage by dynamically decreasing the operating frequency during dropout. The
Dynamic Frequency Control (DFC) is achieved using a dropout monitor, which detects a dropout condition and
reduces the operating frequency. The operating frequency will continue to decrease with decreasing input
voltage until the frequency falls to the minimum value set by the DFC circuitry.
fSW(minDFC) ≊ 1/3 x fSW(nominal)
(5)
If the VIN voltage continues to fall below this point, output regulation can no longer be maintained. The oscillator
frequency will revert back to the nominal operating frequency set by the RT resistor when the input voltage
increases above the dropout range. DFC circuitry does not affect the PWM during normal operating conditions.
12
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM5088 LM5088-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com