Electronic Components Datasheet Search
  English  ▼

X  

LM5088 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5088
Description  LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5088 Datasheet(HTML) 2 Page - Texas Instruments

  LM5088 Datasheet HTML 1Page - Texas Instruments LM5088 Datasheet HTML 2Page - Texas Instruments LM5088 Datasheet HTML 3Page - Texas Instruments LM5088 Datasheet HTML 4Page - Texas Instruments LM5088 Datasheet HTML 5Page - Texas Instruments LM5088 Datasheet HTML 6Page - Texas Instruments LM5088 Datasheet HTML 7Page - Texas Instruments LM5088 Datasheet HTML 8Page - Texas Instruments LM5088 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
VIN
EN
SS
RAMP
RT
GND
COMP
VCC
BOOT
HG
SW
CS
CSG
FB
OUT
DITH
EP
HTSSOP-16
VIN
EN
SS
RAMP
RT
GND
COMP
VCC
BOOT
HG
SW
CS
CSG
FB
OUT
RES
EP
HTSSOP-16
LM5088, LM5088-Q1
SNVS600H – DECEMBER 2008 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. 16-Lead HTSSOP Package
Figure 2. 6-Lead HTSSOP Package
Top View (Dither version)
Top View (Restart version)
See Package Number PWP0016A
See Package Number PWP0016A
LM5088-1
LM5088-2
PIN DESCRIPTIONS
Pin(s)
Name
Description
Application Information
1
VIN
Input supply voltage
IC supply voltage. The operating range is 4.5V to 75V
2
EN
Enable input
If the EN pin voltage is below 0.4V the regulator will be in a low power state. If
the EN pin voltage is between 0.4V and 1.2V the controller will be in standby
mode. If the EN pin voltage is above 1.2V the controller will be operational. An
external voltage divider can be used to set a line under voltage shutdown
threshold. If the EN pin is left open, a 5µA pull-up current forces the pin to the
high state and enables the controller.
3
SS
Soft-start
When SS is below the internal 1.2V reference, the SS voltage will control the
error amplifier. An internal 11 µA current source charges an external capacitor to
set the start-up rate of the controller. The SS pin is held low in the standby, VCC
UV and thermal shutdown states. The SS pin can be used for voltage tracking by
connecting this pin to a master voltage supply less than 1.2V. The applied voltage
will act as the reference for the error amplifier.
4
RAMP
Ramp control signal
An external capacitor connected between this pin and the GND pin sets the ramp
slope used for emulated current mode control. Recommended capacitor range
100 pF to 2000 pF. See the Applications section for selection of capacitor value.
5
RT/SYNC
Internal oscillator frequency
The internal oscillator is programmed with a single resistor between this pin and
set input and synchronization the GND pin. The recommended frequency range is 50 kHz to 1 MHz. An
input
external synchronization signal, which is higher in frequency than the
programmed frequency, can be applied to this pin through a small coupling
capacitor. The RT resistor to ground is required even when using external
synchronization.
6
GND
Ground
Ground return.
7
COMP
Output of the internal error
The loop compensation network should be connected between this pin and the
amplifier
FB pin.
8
FB
Feedback signal from the
This pin is connected to the inverting input of the internal error amplifier. The
regulated output
regulation threshold is 1.205V.
9
OUT
Output voltage connection
Connect directly to the regulated output voltage.
10
DITH
Frequency Dithering (
A capacitor connected between DITH pin and GND is charged and discharged by
LM5088-1 Only)
27 µA current sources. As the voltage on the DITH pin ramps up and down, the
oscillator frequency is modulated between -5% to +5% of the nominal frequency
set by the RT resistor. Grounding the DITH pin will disable the frequency
dithering mode.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM5088 LM5088-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com