Electronic Components Datasheet Search
  English  ▼

X  

LM5088 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5088
Description  LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5088 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5088 Datasheet HTML 9Page - Texas Instruments LM5088 Datasheet HTML 10Page - Texas Instruments LM5088 Datasheet HTML 11Page - Texas Instruments LM5088 Datasheet HTML 12Page - Texas Instruments LM5088 Datasheet HTML 13Page - Texas Instruments LM5088 Datasheet HTML 14Page - Texas Instruments LM5088 Datasheet HTML 15Page - Texas Instruments LM5088 Datasheet HTML 16Page - Texas Instruments LM5088 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Normal Operation
Transition Region
Low Dropout Mode
Dropout
reduce dropout
Forced
off-time
Forced
off-time
Regulation
Point
fSW(minDFC)
Extended
TON(max)
TON(max)
TON(maxDFC)
increased to
LM5088, LM5088-Q1
www.ti.com
SNVS600H – DECEMBER 2008 – REVISED MARCH 2013
Figure 18. Dropout Voltage Reduction using Dynamic Frequency Control
Frequency Dithering (LM5088-1 Only)
Electro-Magnetic Interference (EMI) emissions are fundamentally associated with switch-mode power supplies
due to sharp voltage transitions, diode reverse recovery currents and the ringing of parasitic L-C circuits. These
emissions will conduct back to the power source or radiate into the environment and potentially interfering with
nearby electronic systems. System designers typically use a combination of shielding, filtering and layout
techniques to reduce the EMI emissions sufficiently to satisfy EMI emission standards established by regulatory
bodies. In a typical fixed frequency switching converter, narrowband emissions typically peak at the switching
frequency with the successive harmonics having less energy. Dithering the oscillator frequency spreads the EMI
energy over a range of frequencies, thus reducing the peak levels. Dithering can also reduce the system cost by
reducing the size and quantity of EMI filtering components.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5088 LM5088-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com