Electronic Components Datasheet Search
  English  ▼

X  

LM5088 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM5088
Description  LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5088 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5088 Datasheet HTML 15Page - Texas Instruments LM5088 Datasheet HTML 16Page - Texas Instruments LM5088 Datasheet HTML 17Page - Texas Instruments LM5088 Datasheet HTML 18Page - Texas Instruments LM5088 Datasheet HTML 19Page - Texas Instruments LM5088 Datasheet HTML 20Page - Texas Instruments LM5088 Datasheet HTML 21Page - Texas Instruments LM5088 Datasheet HTML 22Page - Texas Instruments LM5088 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
L =
5V
0.4 x 7A x 250 kHz
5V
1 -
55V
x
= 6.2 PH
0
I PP
T = 1/FSW
IO
L =
VOUT
IPP x fSW
VOUT
1 -
VIN(max)
x
LM5088, LM5088-Q1
www.ti.com
SNVS600H – DECEMBER 2008 – REVISED MARCH 2013
OUTPUT INDUCTOR
The inductor value is determined based on the operating frequency, load current, ripple current and the input and
output voltages.
Knowing the switching frequency (fSW), maximum ripple current (IPP), maximum input voltage (VIN(max)) and the
nominal output voltage (VOUT), the inductor value can be calculated as follows:
(10)
Figure 23. Inductor Current
The maximum ripple current occurs at the maximum input voltage. Typically, IPP is selected between 20% and
40% of the full load current. Higher ripple current will result in a smaller inductor. However, it places more burden
on the output capacitor to smooth out the ripple current to achieve low output ripple voltage. For this example
40% ripple was chosen for a smaller sized inductor.
(11)
The nearest standard value of 6.8 µH will be used. To prevent saturation, the inductor must be rated for the peak
current. During normal operation, the peak current occurs at maximum load current (plus maximum ripple). With
properly scaled component values, the peak current is limited to VCS(TH)/RS During overload conditions. At the
maximum input voltage with a shorted output, the chosen inductor must be evaluated at elevated temperature. It
should be noted that the saturation current rating of inductors drops significantly at elevated temperatures.
CURRENT SENSE RESISTOR
The current limit value (ILIM) is set by the current sense resistor (RS).
RS can be calculated by
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM5088 LM5088-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com