Electronic Components Datasheet Search
  English  ▼

X  

LM5088 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5088
Description  LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5088 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5088 Datasheet HTML 17Page - Texas Instruments LM5088 Datasheet HTML 18Page - Texas Instruments LM5088 Datasheet HTML 19Page - Texas Instruments LM5088 Datasheet HTML 20Page - Texas Instruments LM5088 Datasheet HTML 21Page - Texas Instruments LM5088 Datasheet HTML 22Page - Texas Instruments LM5088 Datasheet HTML 23Page - Texas Instruments LM5088 Datasheet HTML 24Page - Texas Instruments LM5088 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
'VIN =
IOUT
4 x fSW x CIN
=
= 636 mV
7A
4 x 250 kHz x 11 PF
CO =
('V + VOUT)
2 - V
OUT
2
'IPP
IO +
2
L x
2
LM5088, LM5088-Q1
www.ti.com
SNVS600H – DECEMBER 2008 – REVISED MARCH 2013
OUTPUT CAPACITORS
The output capacitors smooth the inductor current ripple and provide a source of charge for load transient
conditions. The output capacitor selection is primarily dictated by the following specifications:
1. Steady-state output peak-peak ripple (
ΔVPK-PK)
2. Output voltage deviation during transient condition (
ΔVTransient)
For the 5V output design example,
ΔVPK-PK = 50 mV (1% of VOUT) and ΔTTransient = 100 mV (2% of VOUT) was
chosen. The magnitude of output ripple primarily depends on ESR of the capacitors while load transient voltage
deviation depends both on the output capacitance and ESR.
When a full load is suddenly removed from the output, the output capacitor must be large enough to prevent the
inductor energy to raise the output voltage above the specified maximum voltage. In other words, the output
capacitor must be large enough to absorb the inductor’s maximum stored energy. Equating the stored energy
equations of both the inductor and the output capacitor it can be shown that:
(17)
Evaluating, the above equation with a
ΔVout of 100 mV results in an output capacitance of 475 µF. As stated
earlier, the maximum peak to peak ripple primarily depends on the ESR of the output capacitor and the inductor
ripple current. To satisfy the
ΔVPK-PK of 50 mV with 40% inductor current ripple, the ESR should be less than 15
m
Ω. In this design example a 470 µF aluminum capacitor with an ESR of 10 mΩ is paralleled with two 47 µF
ceramic capacitors to further reduce the ESR.
INPUT CAPACITORS
The input power supply typically has large source impedance at the switching frequency. Good quality input
capacitors are necessary to limit the ripple voltage at the VIN pin while supplying most of the switch current
during the on-time. When the buck switch turns ON, the current into the external FET steps to the valley of the
inductor current waveform at turn-on, ramps up to the peak value, and then drops to zero at turn-off. The input
capacitors should be selected for RMS current rating and minimum ripple voltage. A good approximation for the
ripple current is IRMS > IOUT/2.
Quality ceramic capacitors with a low ESR should be selected for the input filter. To allow for capacitor
tolerances and voltage rating, five 2.2 µF, 100V ceramic capacitors were selected. With ceramic capacitors, the
input ripple voltage will be triangular and will peak at 50% duty cycle. Taking into account the capacitance
change with DC bias a worst case input peak-to-peak ripple voltage can be approximated as:
(18)
When the converter is connected to an input power source, a resonant circuit is formed by the line impedance
and the input capacitors. This can result in an overshoot at the VIN pin and could result in VIN exceeding its
absolute maximum rating. Because of those conditions, it is recommended that either an aluminum type
capacitor with an ESR or increasing CIN>10 x LIN While using aluminum type capacitor care should be taken to
not exceed its maximum ripple current rating. Tantalum capacitors must be avoided at the input as they are
prone to shorting.
VCC CAPACITOR
The capacitor at the VCC pin provides noise filtering and stability for the VCC regulator. The recommended value
should be no smaller than 0.1 µF, and should be a good quality, low ESR, ceramic capacitor. A value of 1 µF
was selected for this design.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5088 LM5088-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com