Electronic Components Datasheet Search
  English  ▼

X  

LM6172IM Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM6172IM
Description  LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM6172IM Datasheet(HTML) 5 Page - Texas Instruments

  LM6172IM Datasheet HTML 1Page - Texas Instruments LM6172IM Datasheet HTML 2Page - Texas Instruments LM6172IM Datasheet HTML 3Page - Texas Instruments LM6172IM Datasheet HTML 4Page - Texas Instruments LM6172IM Datasheet HTML 5Page - Texas Instruments LM6172IM Datasheet HTML 6Page - Texas Instruments LM6172IM Datasheet HTML 7Page - Texas Instruments LM6172IM Datasheet HTML 8Page - Texas Instruments LM6172IM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM6172
www.ti.com
SNOS792D – MAY 1999 – REVISED MARCH 2013
±5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C, V
+ = +5V, V− = −5V, V
CM = 0V, and RL = 1 kΩ. Boldface limits
apply at the temperature extremes
Symbol
Parameter
Conditions
Typ
LM6172I
Units
(1)
Limit
(2)
VOS
Input Offset Voltage
0.1
3
mV
4
max
TC VOS
Input Offset Voltage Average Drift
4
μV/°C
IB
Input Bias Current
1.4
2.5
μA
3.5
max
IOS
Input Offset Current
0.02
1.5
μA
2.2
max
RIN
Input Resistance
Common Mode
40
M
Ω
Differential Mode
4.9
RO
Output Resistance
14
Ω
CMRR
Common Mode Rejection Ratio
VCM = ±2.5V
105
70
dB
65
min
PSRR
Power Supply Rejection Ratio
VS = ±15V to ±5V
95
75
dB
70
min
VCM
Input Common Mode Voltage Range
CMRR
≥ 60dB
±3.7
V
AV
Large Signal Voltage Gain(3)
RL = 1kΩ
82
70
dB
65
min
RL = 100Ω
78
65
dB
60
min
VO
Output Swing
RL = 1kΩ
3.4
3.1
V
3
min
−3.3
−3.1
V
−3
max
RL = 100Ω
2.9
2.5
V
2.4
min
−2.7
−2.4
V
−2.3
max
Continuous Output Current (Open
Sourcing, RL = 100Ω
29
25
mA
Loop)(4)
24
min
Sinking, RL = 100Ω
−27
−24
mA
−23
max
ISC
Output Short Circuit Current
Sourcing
93
mA
Sinking
−72
mA
IS
Supply Current
Both Amplifiers
4.4
6
mA
7
max
(1)
Typical Values represent the most likely parametric normal.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT =
±5V. For VS = ±5V, VOUT = ±1V.
(4)
The open loop output current is the output swing with the 100
Ω load resistor divided by that resistor.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM6172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com