Electronic Components Datasheet Search
  English  ▼

X  

LM6172IM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM6172IM
Description  LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM6172IM Datasheet(HTML) 1 Page - Texas Instruments

  LM6172IM Datasheet HTML 1Page - Texas Instruments LM6172IM Datasheet HTML 2Page - Texas Instruments LM6172IM Datasheet HTML 3Page - Texas Instruments LM6172IM Datasheet HTML 4Page - Texas Instruments LM6172IM Datasheet HTML 5Page - Texas Instruments LM6172IM Datasheet HTML 6Page - Texas Instruments LM6172IM Datasheet HTML 7Page - Texas Instruments LM6172IM Datasheet HTML 8Page - Texas Instruments LM6172IM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM6172
www.ti.com
SNOS792D – MAY 1999 – REVISED MARCH 2013
LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
Check for Samples: LM6172
1
FEATURES
DESCRIPTION
The LM6172 is a dual high speed voltage feedback
2
•
(Typical Unless Otherwise Noted)
amplifier. It is unity-gain stable and provides excellent
•
Easy to Use Voltage Feedback Topology
DC and AC performance. With 100MHz unity-gain
•
High Slew Rate 3000V/
μs
bandwidth, 3000V/
μs slew rate and 50mA of output
current
per
channel,
the
LM6172
offers
high
•
Wide Unity-Gain Bandwidth 100MHz
performance in dual amplifiers; yet it only consumes
•
Low Supply Current 2.3mA/Channel
2.3mA of supply current each channel.
•
High Output Current 50mA/channel
The LM6172 operates on ±15V power supply for
•
Specified for ±15V and ±5V Operation
systems requiring large voltage swings, such as
ADSL, scanners and ultrasound equipment. It is also
APPLICATIONS
specified at ±5V power supply for low voltage
applications such as portable video systems.
•
Scanner I-to-V Converters
•
ADSL/HDSL Drivers
The LM6172 is built with TI's advanced VIP III
(Vertically Integrated PNP) complementary bipolar
•
Multimedia Broadcast Systems
process. See the LM6171 datasheet for a single
•
Video Amplifiers
amplifier with these same features.
•
NTSC, PAL and SECAM Systems
•
ADC/DAC Buffers
•
Pulse Amplifiers and Peak Detectors
LM6172 Driving Capacitive Load
Connection Diagram
Figure 1. Top View 8-Pin
See Package Numbers P (PDIP) and D (SOIC)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM6172IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6172IM NSC-LM6172IM Datasheet
551Kb / 16P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172IM NSC-LM6172IM Datasheet
1Mb / 25P
LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172IM TI1-LM6172IM Datasheet
1Mb / 25P
LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172IM/NOPB TI1-LM6172IM/NOPB Datasheet
1Mb / 25P
LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172IMNOPB NSC-LM6172IMNOPB Datasheet
1Mb / 25P
LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results

Similar Description - LM6172IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172_14 Datasheet
1Mb / 25P
LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML NSC-LM6172QML Datasheet
1Mb / 25P
LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP NSC-LM6172QML-SP Datasheet
1Mb / 25P
LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172 TI1-LM6172_16 Datasheet
1Mb / 25P
LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML TI1-LM6172QML_16 Datasheet
1Mb / 25P
LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML TI-LM6172QML_V01 Datasheet
1Mb / 25P
LM6172QML Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
REVISED OCTOBER 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com