Electronic Components Datasheet Search
  English  ▼

X  

LM6172IM Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM6172IM
Description  LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM6172IM Datasheet(HTML) 2 Page - Texas Instruments

  LM6172IM Datasheet HTML 1Page - Texas Instruments LM6172IM Datasheet HTML 2Page - Texas Instruments LM6172IM Datasheet HTML 3Page - Texas Instruments LM6172IM Datasheet HTML 4Page - Texas Instruments LM6172IM Datasheet HTML 5Page - Texas Instruments LM6172IM Datasheet HTML 6Page - Texas Instruments LM6172IM Datasheet HTML 7Page - Texas Instruments LM6172IM Datasheet HTML 8Page - Texas Instruments LM6172IM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LM6172
SNOS792D – MAY 1999 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance(3)
Human Body Model
3kV
Machine Model
300V
Supply Voltage (V+
− V−)
36V
Differential Input Voltage
±10V
Common Mode Voltage Range
V+ +0.3V to V−
−0.3V
Input Current
±10mA
Output Short Circuit to Ground(4)
Continuous
Storage Temp. Range
−65°C to +150°C
Maximum Junction Temperature(5)
150°C
Soldering Information
Infrared or Convection Reflow
235°C
(20 sec.)
Wave Soldering Lead Temp
260°C
(10 sec.)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Human body model, 1.5k
Ω in series with 100pF. Machine Model, 200Ω in series with 100pF.
(4)
Continuous short circuit operation can result in exceeding the maximum allowed junction temperature of 150°C.
(5)
The maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max) − TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Operating Ratings
(1)
Supply Voltage
5.5V
≤ VS ≤ 36V
Operating Temperature Range
LM6172I
−40°C to +85°C
Thermal Resistance (
θJA)
P Package, 8-Pin PDIP
95°C/W
D Package, 8-Pin SOIC
160°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
±15V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C,V
+ = +15V, V− = −15V, V
CM = 0V, and RL = 1kΩ. Boldface
limits apply at the temperature extremes
Symbol
Parameter
Conditions
Typ
LM6172I
Units
(1)
Limit
(2)
VOS
Input Offset Voltage
0.4
3
mV
4
max
TC VOS
Input Offset Voltage Average Drift
6
μV/°C
IB
Input Bias Current
1.2
3
μA
4
max
IOS
Input Offset Current
0.02
2
μA
3
max
RIN
Input Resistance
Common Mode
40
M
Ω
Differential Mode
4.9
RO
Open Loop Output Resistance
14
Ω
(1)
Typical Values represent the most likely parametric normal.
(2)
All limits are guaranteed by testing or statistical analysis.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM6172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com