Electronic Components Datasheet Search
  English  ▼

X  

LM6172IM Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM6172IM
Description  LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM6172IM Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM6172IM Datasheet HTML 11Page - Texas Instruments LM6172IM Datasheet HTML 12Page - Texas Instruments LM6172IM Datasheet HTML 13Page - Texas Instruments LM6172IM Datasheet HTML 14Page - Texas Instruments LM6172IM Datasheet HTML 15Page - Texas Instruments LM6172IM Datasheet HTML 16Page - Texas Instruments LM6172IM Datasheet HTML 17Page - Texas Instruments LM6172IM Datasheet HTML 18Page - Texas Instruments LM6172IM Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
LM6172
www.ti.com
SNOS792D – MAY 1999 – REVISED MARCH 2013
Another possible source of overshoot and undershoot comes from capacitive load at the output. Please see
DRIVING CAPACITIVE LOADS for more detail.
DRIVING CAPACITIVE LOADS
Amplifiers driving capacitive loads can oscillate or have ringing at the output. To eliminate oscillation or reduce
ringing, an isolation resistor can be placed as shown in Figure 43. The combination of the isolation resistor and
the load capacitor forms a pole to increase stability by adding more phase margin to the overall system. The
desired performance depends on the value of the isolation resistor; the bigger the isolation resistor, the more
damped (slow) the pulse response becomes. For LM6172, a 50
Ω isolation resistor is recommended for initial
evaluation.
Figure 43. Isolation Resistor Used to Drive Capacitive Load
Figure 44. The LM6172 Driving a 510pF Load with a 30
Ω Isolation Resistor
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM6172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com