Electronic Components Datasheet Search
  English  ▼

X  

LM6172IM Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM6172IM
Description  LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM6172IM Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM6172IM Datasheet HTML 6Page - Texas Instruments LM6172IM Datasheet HTML 7Page - Texas Instruments LM6172IM Datasheet HTML 8Page - Texas Instruments LM6172IM Datasheet HTML 9Page - Texas Instruments LM6172IM Datasheet HTML 10Page - Texas Instruments LM6172IM Datasheet HTML 11Page - Texas Instruments LM6172IM Datasheet HTML 12Page - Texas Instruments LM6172IM Datasheet HTML 13Page - Texas Instruments LM6172IM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
LM6172
SNOS792D – MAY 1999 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
unless otherwise noted, TA = 25°C
Input Current Noise
Input Current Noise
vs.
vs.
Frequency
Frequency
Figure 20.
Figure 21.
Slew Rate
Slew Rate
vs.
vs.
Supply Voltage
Input Voltage
Figure 22.
Figure 23.
Large Signal Pulse Response
Small Signal Pulse Response
AV = +1, VS = ±15V
AV = +1, VS = ±15V
Figure 24.
Figure 25.
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM6172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com