Electronic Components Datasheet Search
  English  ▼

X  

LM7322MMX Datasheet(PDF) 15 Page - Texas Instruments

Part # LM7322MMX
Description  LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V,High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7322MMX Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM7322MMX Datasheet HTML 11Page - Texas Instruments LM7322MMX Datasheet HTML 12Page - Texas Instruments LM7322MMX Datasheet HTML 13Page - Texas Instruments LM7322MMX Datasheet HTML 14Page - Texas Instruments LM7322MMX Datasheet HTML 15Page - Texas Instruments LM7322MMX Datasheet HTML 16Page - Texas Instruments LM7322MMX Datasheet HTML 17Page - Texas Instruments LM7322MMX Datasheet HTML 18Page - Texas Instruments LM7322MMX Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
10
1k
1M
FREQUENCY (Hz)
0
40
100
100k
10k
100
80
60
20
10
30
50
70
90
VS = 30V
VCM = 2V
VS = 10V
VCM = 2V VS = 2.7V
VCM = 2V
10
1k
1M
FREQUENCY (Hz)
0
40
120
100k
10k
100
100
60
20
80
VS = 2.7V
VCM = 0.7V
VS = 10V
VCM = 8V
VS = 30V
VCM = 28V
10
100
1000
0
10
20
30
40
50
60
70
CAPACITIVE LOAD (pF)
RL = 600:
RL = 2 k:
RL = 10 M:, 10 k:, 100 k:
VS = ±15V
10
1k
1M
FREQUENCY (Hz)
0
40
100
100k
10k
100
80
60
20
10
30
50
70
90
VS = ±15V
-20
0
20
40
60
140
1k
10k
100k
1M
10M
FREQUENCY (Hz)
80
100
120
100M
VS = r15V
CL = 20 pF
PHASE
GAIN
0
23
45
68
90
113
135
-23
158
10 M:
2 k:
600:
100 k:
10 k:
2 k:
600:
-20
0
20
40
60
140
1k
10k
100k
1M
10M
FREQUENCY (Hz)
80
100
120
100M
RL = 2 k:
CL = 20 pF
0
23
45
68
90
113
135
-23
158
VS = 10V
VS = 30V
VS = 2.7V
VS = 30V
VS = 2.7V
VS = 10V
PHASE
GAIN
LM7321, LM7322
www.ti.com
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C.
Open Loop Frequency Response with Various Resistive
Open Loop Frequency Response with Various Supply
Load
Voltage
Figure 48.
Figure 49.
Phase Margin vs. Capacitive Load
CMRR vs. Frequency
Figure 50.
Figure 51.
+PSRR vs. Frequency
−PSRR vs. Frequency
Figure 52.
Figure 53.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com