Electronic Components Datasheet Search
  English  ▼

X  

LM7322MMX Datasheet(PDF) 20 Page - Texas Instruments

Part # LM7322MMX
Description  LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V,High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7322MMX Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM7322MMX Datasheet HTML 16Page - Texas Instruments LM7322MMX Datasheet HTML 17Page - Texas Instruments LM7322MMX Datasheet HTML 18Page - Texas Instruments LM7322MMX Datasheet HTML 19Page - Texas Instruments LM7322MMX Datasheet HTML 20Page - Texas Instruments LM7322MMX Datasheet HTML 21Page - Texas Instruments LM7322MMX Datasheet HTML 22Page - Texas Instruments LM7322MMX Datasheet HTML 23Page - Texas Instruments LM7322MMX Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
LM7321, LM7322
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
www.ti.com
Figure 67. Output Short Circuit Sourcing Current vs. Input Overdrive
Figure 68. Output Short Circuit Sinking Current vs. Input Overdrive
Figure 69 shows the output voltage, output current, and the resulting input overdrive with the device set for AV =
+1 and the input tied to a 1 VPP step function driving a 47 nF capacitor. As can be seen, during the output
transition, the input overdrive reaches 1V peak and is more than enough to cause the output current to increase
to its maximum value (see Figure 67 and Figure 68 plots). Note that because of the larger output sinking current
compared to the sourcing one, the output negative transition is faster than the positive one.
20
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com