Electronic Components Datasheet Search
  English  ▼

X  

LM7322MMX Datasheet(PDF) 25 Page - Texas Instruments

Part # LM7322MMX
Description  LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V,High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7322MMX Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM7322MMX Datasheet HTML 21Page - Texas Instruments LM7322MMX Datasheet HTML 22Page - Texas Instruments LM7322MMX Datasheet HTML 23Page - Texas Instruments LM7322MMX Datasheet HTML 24Page - Texas Instruments LM7322MMX Datasheet HTML 25Page - Texas Instruments LM7322MMX Datasheet HTML 26Page - Texas Instruments LM7322MMX Datasheet HTML 27Page - Texas Instruments LM7322MMX Datasheet HTML 28Page - Texas Instruments LM7322MMX Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
LM7321, LM7322
www.ti.com
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
Other Application Hints
The use of supply decoupling is mandatory in most applications. As with most relatively high speed/high output
current Op Amps, best results are achieved when each supply line is decoupled with two capacitors; a small
value ceramic capacitor (
∼0.01 μF) placed very close to the supply lead in addition to a large value Tantalum or
Aluminum (> 4.7
μF). The large capacitor can be shared by more than one device if necessary. The small
ceramic capacitor maintains low supply impedance at high frequencies while the large capacitor will act as the
charge "bucket" for fast load current spikes at the op amp output. The combination of these capacitors will
provide supply decoupling and will help keep the op amp oscillation free under any load.
SIMILAR HIGH OUTPUT DEVICES
The LM7332 is a dual rail-to-rail amplifier with a slightly lower GBW capable of sinking and sourcing 100 mA. It is
available in SOIC and VSSOP packages.
The LM4562 is dual op amp with very low noise and 0.7 mV voltage offset.
The LME49870 and LME49860 are single and dual low noise amplifiers that can work from ±22 volt supplies.
OTHER HIGH PERFORMANCE SOT-23 AMPLIERS
The LM7341 is a 4 MHz rail-to-rail input and output part that requires only 0.6 mA to operate, and can drive
unlimited capacitive load. It has a voltage gain of 97 dB, a CMRR of 93 dB, and a PSRR of 104 dB.
The LM6211 is a 20 MHz part with CMOS input, which runs on ±12 volt or 24 volt single supplies. It has rail-to-
rail output and low noise.
The LM7121 has a gain bandwidth of 235 MHz.
Detailed information on these parts can be found at www.ti.com.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com