Electronic Components Datasheet Search
  English  ▼

X  

LM7322MMX Datasheet(PDF) 17 Page - Texas Instruments

Part # LM7322MMX
Description  LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V,High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7322MMX Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM7322MMX Datasheet HTML 13Page - Texas Instruments LM7322MMX Datasheet HTML 14Page - Texas Instruments LM7322MMX Datasheet HTML 15Page - Texas Instruments LM7322MMX Datasheet HTML 16Page - Texas Instruments LM7322MMX Datasheet HTML 17Page - Texas Instruments LM7322MMX Datasheet HTML 18Page - Texas Instruments LM7322MMX Datasheet HTML 19Page - Texas Instruments LM7322MMX Datasheet HTML 20Page - Texas Instruments LM7322MMX Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
0.001
0.1
100
OUTPUT AMPLITUDE (VPP)
-90
-70
0
10
1
0.01
-20
-30
-80
-10
-40
-50
-60
VS = ±15V
f = 1 kHz
RL = 100 k:
AV = +2
90
1k
100k
10M
FREQUENCY (Hz)
0
30
60
100M
1M
10k
80
70
50
40
20
10
VS = ±15V
VS = ±5V
V
+
= 1.8V
VCM = 0.9V
0.001
0.01
0.1
1
10
OUTPUT AMPLITUDE (VPP)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
VS = 2.7V
VCM = 0.8V
f = 1 kHz
RL = 100 k:
AV = +2
0.001
0.1
100
OUTPUT AMPLITUDE (VPP)
-90
-70
0
10
1
0.01
-20
-30
-80
-10
-40
-50
-60
VS = ±5V
f = 1 kHz
RL = 100 k:
AV = +2
LM7321, LM7322
www.ti.com
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C.
THD+N vs. Output Amplitude
THD+N vs. Output Amplitude
Figure 60.
Figure 61.
THD+N vs. Output Amplitude
Crosstalk Rejection vs. Frequency
Figure 62.
Figure 63.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com