Electronic Components Datasheet Search
  English  ▼

X  

LM7322MMX Datasheet(PDF) 22 Page - Texas Instruments

Part # LM7322MMX
Description  LM7321/LM7321Q Single/ LM7322/LM7322Q Dual Rail-to-Rail Input/Output 15V,High Output Current and Unlimited Capacitive Load Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7322MMX Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM7322MMX Datasheet HTML 18Page - Texas Instruments LM7322MMX Datasheet HTML 19Page - Texas Instruments LM7322MMX Datasheet HTML 20Page - Texas Instruments LM7322MMX Datasheet HTML 21Page - Texas Instruments LM7322MMX Datasheet HTML 22Page - Texas Instruments LM7322MMX Datasheet HTML 23Page - Texas Instruments LM7322MMX Datasheet HTML 24Page - Texas Instruments LM7322MMX Datasheet HTML 25Page - Texas Instruments LM7322MMX Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
LM7321, LM7322
SNOSAW8D – MAY 2008 – REVISED MARCH 2013
www.ti.com
Figure 71. Output Sinking Characteristics with Load Lines
SETTLING TIME WITH LARGE CAPACITIVE LOADS
Figure 72 below shows a typical application where the LM7321/LM7321Q/LM7322/LM7322Q is used as a buffer
amplifier for the VCOM signal employed in a TFT LCD flat panel:
Figure 72. VCOM Driver Application Schematic
Figure 73 shows the time domain response of the amplifier when used as a VCOM buffer/driver with VREF at
ground. In this application, the op amp loop will try and maintain its output voltage based on the voltage on its
non-inverting input (VREF) despite the current injected into the TFT simulated load. As long as this load current is
within the range tolerable by the LM7321/LM7321Q/LM7322/LM7322Q (45 mA sourcing and 65 mA sinking for
±5V supplies), the output will settle to its final value within less than 2
μs.
22
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7321 LM7322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com