Electronic Components Datasheet Search
  English  ▼

X  

LMC6482 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6482
Description  LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6482 Datasheet(HTML) 4 Page - Texas Instruments

  LMC6482 Datasheet HTML 1Page - Texas Instruments LMC6482 Datasheet HTML 2Page - Texas Instruments LMC6482 Datasheet HTML 3Page - Texas Instruments LMC6482 Datasheet HTML 4Page - Texas Instruments LMC6482 Datasheet HTML 5Page - Texas Instruments LMC6482 Datasheet HTML 6Page - Texas Instruments LMC6482 Datasheet HTML 7Page - Texas Instruments LMC6482 Datasheet HTML 8Page - Texas Instruments LMC6482 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
LMC6482
SNOS674D – NOVEMBER 1997 – REVISED MARCH 2013
www.ti.com
DC Electrical Characteristics (continued)
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1M. Boldface limits
apply at the temperature extremes.
LMC6482AI
LMC6482I
LMC6482M
Typ
Parameter
Test Conditions
Limit
Limit
Limit
Units
(1)
(2)
(2)
(2)
VO
Output Swing
V+ = 5V
4.9
4.8
4.8
4.8
V
RL = 2kΩ to V
+/2
4.7
4.7
4.7
min
0.1
0.18
0.18
0.18
V
0.24
0.24
0.24
max
V+ = 5V
4.7
4.5
4.5
4.5
V
RL = 600Ω to V
+/2
4.24
4.24
4.24
min
0.3
0.5
0.5
0.5
V
0.65
0.65
0.65
max
V+ = 15V
14.7
14.4
14.4
14.4
V
RL = 2kΩ to V
+/2
14.2
14.2
14.2
min
0.16
0.32
0.32
0.32
V
0.45
0.45
0.45
max
V+ = 15V
14.1
13.4
13.4
13.4
V
RL = 600Ω to V
+/2
13.0
13.0
13.0
min
0.5
1.0
1.0
1.0
V
1.3
1.3
1.3
max
ISC
Output Short Circuit
Sourcing, VO = 0V
20
16
16
16
mA
Current
12
12
10
min
V+ = 5V
Sinking, VO = 5V
15
11
11
11
mA
9.5
9.5
8.0
min
ISC
Output Short Circuit
Sourcing, VO = 0V
30
28
28
28
mA
Current
22
22
20
min
V+ = 15V
Sinking, VO = 12V
(6)
30
30
30
30
mA
24
24
22
min
IS
Supply Current
Both Amplifiers
1.0
1.4
1.4
1.4
mA
V+ = +5V, VO = V
+/2
1.8
1.8
1.9
max
Both Amplifiers
1.3
1.6
1.6
1.6
mA
V+ = 15V, VO = V
+/2
1.9
1.9
2.0
max
(6)
Do not short circuit output to V+, when V+ is greater than 13V or reliability will be adversely affected.
AC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2, and R
L > 1M. Boldface limits
apply at the temperature extremes.
LMC6482AI
LMC6482I
LMC6482M
Typ
Parameter
Test Conditions
Limit
Limit
Limit
Units
(1)
(2)
(2)
(2)
SR
Slew Rate
(3)
1.3
1.0
0.9
0.9
V/
μs
0.7
0.63
0.54
min
GBW
Gain-Bandwidth Product
V+ = 15V
1.5
MHz
φm
Phase Margin
50
Deg
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of either the positive or negative slew
rates.
4
Submit Documentation Feedback
Copyright © 1997–2013, Texas Instruments Incorporated
Product Folder Links: LMC6482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com