Electronic Components Datasheet Search
  English  ▼

X  

LMC6482 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6482
Description  LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6482 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMC6482 Datasheet HTML 18Page - Texas Instruments LMC6482 Datasheet HTML 19Page - Texas Instruments LMC6482 Datasheet HTML 20Page - Texas Instruments LMC6482 Datasheet HTML 21Page - Texas Instruments LMC6482 Datasheet HTML 22Page - Texas Instruments LMC6482 Datasheet HTML 23Page - Texas Instruments LMC6482 Datasheet HTML 24Page - Texas Instruments LMC6482 Datasheet HTML 25Page - Texas Instruments LMC6482 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
VIN
VOUT
+
-
5V
-5V
R4
R3
V-
1
2
LMC6482
V-
V+
500 k:
1 k:
500 k:
499:
1 M:
VOUT
VIN
= -
R4
R3
LMC6482
SNOS674D – NOVEMBER 1997 – REVISED MARCH 2013
www.ti.com
Figure 69. Inverting Configuration Offset Voltage Adjustment
Figure 70. Non-Inverting Configuration Offset Voltage Adjustment
UPGRADING APPLICATIONS
The LMC6484 quads and LMC6482 duals have industry standard pin outs to retrofit existing applications.
System performance can be greatly increased by the LMC6482's features. The key benefit of designing in the
LMC6482 is increased linear signal range. Most op-amps have limited input common mode ranges. Signals that
exceed this range generate a non-linear output response that persists long after the input signal returns to the
common mode range.
Linear signal range is vital in applications such as filters where signal peaking can exceed input common mode
ranges resulting in output phase inversion or severe distortion.
DATA ACQUISITION SYSTEMS
Low power, single supply data acquisition system solutions are provided by buffering the ADC12038 with the
LMC6482 (Figure 71). Capable of using the full supply range, the LMC6482 does not require input signals to be
scaled down to meet limited common mode voltage ranges. The LMC4282 CMRR of 82dB maintains integral
linearity of a 12-bit data acquisition system to ±0.325 LSB. Other rail-to-rail input amplifiers with only 50dB of
CMRR will degrade the accuracy of the data acquisition system to only 8 bits.
22
Submit Documentation Feedback
Copyright © 1997–2013, Texas Instruments Incorporated
Product Folder Links: LMC6482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com