Electronic Components Datasheet Search
  English  ▼

X  

LMC6482 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6482
Description  LMC6482 CMOS Dual Rail-To-Rail Input and Output Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6482 Datasheet(HTML) 3 Page - Texas Instruments

  LMC6482 Datasheet HTML 1Page - Texas Instruments LMC6482 Datasheet HTML 2Page - Texas Instruments LMC6482 Datasheet HTML 3Page - Texas Instruments LMC6482 Datasheet HTML 4Page - Texas Instruments LMC6482 Datasheet HTML 5Page - Texas Instruments LMC6482 Datasheet HTML 6Page - Texas Instruments LMC6482 Datasheet HTML 7Page - Texas Instruments LMC6482 Datasheet HTML 8Page - Texas Instruments LMC6482 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
LMC6482
www.ti.com
SNOS674D – NOVEMBER 1997 – REVISED MARCH 2013
DC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = VO = V
+/2 and R
L > 1M. Boldface limits
apply at the temperature extremes.
LMC6482AI
LMC6482I
LMC6482M
Typ
Parameter
Test Conditions
Limit
Limit
Limit
Units
(1)
(2)
(2)
(2)
VOS
Input Offset Voltage
0.11
0.750
3.0
3.0
mV
1.35
3.7
3.8
max
TCVOS
Input Offset Voltage
1.0
μV/°C
Average Drift
IB
Input Current
(3)
0.02
4.0
4.0
10.0
pA
max
IOS
Input Offset Current
(3)
0.01
2.0
2.0
5.0
pA
max
CIN
Common-Mode Input
3
pF
Capacitance
RIN
Input Resistance
>10
Tera
Ω
CMRR
Common Mode Rejection
0V
≤ VCM ≤ 15.0V
82
70
65
65
dB
Ratio
V+ = 15V
min
67
62
60
0V
≤ VCM ≤ 5.0V
82
70
65
65
V+ = 5V
67
62
60
+PSRR
Positive Power Supply
5V
≤ V+ ≤ 15V, V− = 0V
82
70
65
65
dB
Rejection Ratio
VO = 2.5V
67
62
60
min
−PSRR
Negative Power Supply
−5V ≤ V− ≤ −15V, V+ = 0V
82
70
65
65
dB
Rejection Ratio
VO = −2.5V
67
62
60
min
VCM
Input Common-Mode
V+ = 5V and 15V
V−
− 0.3
− 0.25
− 0.25
− 0.25
V
Voltage Range
For CMRR
≥ 50dB
0
0
0
max
V+ + 0.3V
V+ + 0.25
V+ + 0.25
V+ + 0.25
V
V+
V+
V+
min
AV
Large Signal Voltage Gain
RL = 2kΩ
(4) (5)
Sourcing
666
140
120
120
V/mV
84
72
60
min
Sinking
75
35
35
35
V/mV
20
20
18
min
RL = 600Ω
(4) (5)
Sourcing
300
80
50
50
V/mV
48
30
25
min
Sinking
35
20
15
15
V/mV
13
10
8
min
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are specified by testing or statistical analysis.
(3)
Ensured limits are dictated by tester limitations and not device performance. Actual performance is reflected in the typical value.
(4)
V+ = 15V, VCM = 7.5V and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 3.5V ≤ VO ≤ 7.5V.
(5)
Ensured limits are dictated by tester limitations and not device performance. Actual performance is reflected in the typical value.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC6482



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com